Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDCLMS1.PC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KWDCLMS1.PC
Description  White Goods Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDCLMS1.PC Datasheet(HTML) 1 Page - OSRAM GmbH

  KWDCLMS1.PC Datasheet HTML 1Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 2Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 3Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 4Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 5Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 6Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 7Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 8Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2015-01-19
1
2015-01-19
TOPLED E3014
Datasheet
Version 1.1
KW DCLMS1.PC
Features:
Besondere Merkmale:
• Package: white SMT package, colored silicone
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
Silikon-Verguss
• Technology: InGaN on Sapphire
•
Technologie: InGaN on Sapphire
• Viewing angle at 50 % I
V: 110°
•
Abstrahlwinkel bei 50 % I
V: 110°
• Color: white; CTR = 4500 K - 8000 K; CRI (min.) =
70
•
Farbe: weiß; CTR = 4500 K - 8000 K; CRI (min.) =
70
• ESD - withstand voltage: 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
•
ESD - Festigkeit: 2 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 2)
Applications
Anwendungen
• White Goods Lighting
•
Weiße Ware
• Vending Machines
•
Automaten
• Transportation
•
Verkehrsmittel


Similar Part No. - KWDCLMS1.PC

ManufacturerPart #DatasheetDescription
logo
ams AG
KWDCLMS2.EC AMSCO-KWDCLMS2.EC Datasheet
1Mb / 24P
The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.
Version 1.2 2021-09-24
KWDCLMS2.EC-CXCZ-4A7D-1 AMSCO-KWDCLMS2.EC-CXCZ-4A7D-1 Datasheet
1Mb / 24P
The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.
Version 1.2 2021-09-24
KWDCLMS2.EC-CXCZ-4H7I-1 AMSCO-KWDCLMS2.EC-CXCZ-4H7I-1 Datasheet
1Mb / 24P
The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.
Version 1.2 2021-09-24
KWDCLMS2.EC-CXCZ-4J7K-1 AMSCO-KWDCLMS2.EC-CXCZ-4J7K-1 Datasheet
1Mb / 24P
The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.
Version 1.2 2021-09-24
KWDCLMS2.EC-CXCZ-4L7M-1 AMSCO-KWDCLMS2.EC-CXCZ-4L7M-1 Datasheet
1Mb / 24P
The TOPLED Compact 3014 has a wide beam angle with a compact format (3.0 mm x 1.4 mm) and is a very small LED for screen backlighting.
Version 1.2 2021-09-24
More results

Similar Description - KWDCLMS1.PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT98SC008CT ATMEL-AT98SC008CT Datasheet
1Mb / 18P
High-tech goods counterfeiting
logo
Power Integrations, Inc...
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
1.2 W, Non-isolated Dual Output Supply for White Goods
logo
SYNC POWER Crop.
SPM10WL SYNC-POWER-SPM10WL Datasheet
126Kb / 3P
White LED Power Module for Lighting
logo
Bourns Electronic Solut...
MOV-14D180K BOURNS-MOV-14D180K Datasheet
690Kb / 4P
Metal Oxide Varistor White goods / appliances Telecom systems
logo
Seoul Semiconductor
TWH104-HE SEOUL-TWH104-HE Datasheet
317Kb / 13P
White color lighting SMD Chip LED
logo
NXP Semiconductors
UM10523 PHILIPS-UM10523 Datasheet
430Kb / 14P
TEA1721 universal mains white goods flyback SMPS demo board
Rev. 1-27 January 2012
logo
TE Connectivity Ltd
PCB-REL TEC-PCB-REL Datasheet
234Kb / 2P
Especially suited for applications white goods consumer electronics, etc.
logo
ETAL Group
BMS01 ETAL-BMS01 Datasheet
733Kb / 6P
Utility vehicles for hazardous goods
logo
ON Semiconductor
NCP11187A65P45WGEVB ONSEMI-NCP11187A65P45WGEVB Datasheet
8Mb / 28P
45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
EVBUM2652 ONSEMI-EVBUM2652 Datasheet
2Mb / 17P
8W Auxiliary Power for White Goods and Industrial Equipment with FSL518APG
July, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com