Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDCLMS1.PC Datasheet(PDF) 5 Page - OSRAM GmbH

Part # KWDCLMS1.PC
Description  White Goods Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDCLMS1.PC Datasheet(HTML) 5 Page - OSRAM GmbH

  KWDCLMS1.PC Datasheet HTML 1Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 2Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 3Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 4Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 5Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 6Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 7Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 8Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Version 1.1
KW DCLMS1.PC
2015-01-19
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
2) page 24 , 3) page 24
Durchlassspannungsgruppen 2) Seite 24 , 3) Seite 24
Group
Luminous Intensity
1) page 24
Luminous Intensity
1) page 24
Luminous Flux 6) page 24
Gruppe
Lichtstärke 1) Seite 24
Lichtstärke 1) Seite 24
Lichtstrom 6) Seite 24
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
BY
2100
2400
6750
BZ
2400
2800
7800
CX
2800
3300
9150
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness groups
of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die aus
nur wenigen Helligkeitsgruppen besteht. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
24
2.80
3.00
64
3.00
3.20
A4
3.20
3.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com