Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDCLMS1.PC Datasheet(PDF) 6 Page - OSRAM GmbH

Part # KWDCLMS1.PC
Description  White Goods Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDCLMS1.PC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button KWDCLMS1.PC Datasheet HTML 2Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 3Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 4Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 5Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 6Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 7Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 8Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 9Page - OSRAM GmbH KWDCLMS1.PC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
2015-01-19
6
Version 1.1
KW DCLMS1.PC
Color Chromaticity Groups 7) page 24
Farbortgruppen 7) Seite 24
Chromaticity Coordinate Groups 7) page 24
Farbortgruppen 7) Seite 24
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4A
0.2961
0.2952
6C
0.3041
0.3240
6I
0.3448
0.3515
0.2981
0.2892
0.3055
0.3177
0.3456
0.3601
0.3015
0.3033
0.3098
0.3296
0.3527
0.3578
0.3032
0.2968
0.3108
0.3229
0.3539
0.3669
5A
0.2949
0.2993
7C
0.3028
0.3304
7I
0.3456
0.3601
0.2961
0.2952
0.3041
0.3240
0.3464
0.3688
0.3002
0.3082
0.3087
0.3363
0.3539
0.3669
0.3015
0.3033
0.3098
0.3296
0.3551
0.3760
6A
0.2936
0.3034
4D
0.3119
0.3162
5J
0.3512
0.3465
0.2949
0.2993
0.3130
0.3095
0.3524
0.3555
0.2990
0.3131
0.3170
0.3212
0.3591
0.3522
0.3002
0.3082
0.3178
0.3142
0.3608
0.3616
8J
7J
6J
5J
7K
6K
5K
5H
5I
6H
6I
7H
7I
8H
8I
4A
4B
4C
4D
5A
5B
5C
5D
5H
5I
5J
6A
6B
6C
6D
6H
6I
6J
7A
7B
7C
7D
7H
7I
7J
8C
8D
8H
8I
8J
2500 K
3000 K
3500 K
4000 K
4500 K
5000 K
5500 K
6000 K
6500 K
7000 K
8000 K
9000 K
10000 K
12000 K
14000 K
20000 K
450
460
470
480
490
495
500
510
520
530
540
550
560
570
580
590
600
610
620
630
650
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
Cx
Cy
7J
6J
5J
7K
6K
5K
4A
4B
4C
4D
5A
5B
5C
5D
5H
5I
5J
6A
6B
6C
6D
6H
6I
6J
7A
7B
7C
7D
7H
7I
7J
4500 K
5000 K
5500 K
6000 K
6500 K
7000 K
8000 K
9000 K
10000 K
0,27
0,29
0,31
0,33
0,35
0,37
0,39
0,41
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com