Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6600AST Datasheet(PDF) 5 Page - Analog Devices

Part # AD6600AST
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600AST Datasheet(HTML) 5 Page - Analog Devices

  AD6600AST Datasheet HTML 1Page - Analog Devices AD6600AST Datasheet HTML 2Page - Analog Devices AD6600AST Datasheet HTML 3Page - Analog Devices AD6600AST Datasheet HTML 4Page - Analog Devices AD6600AST Datasheet HTML 5Page - Analog Devices AD6600AST Datasheet HTML 6Page - Analog Devices AD6600AST Datasheet HTML 7Page - Analog Devices AD6600AST Datasheet HTML 8Page - Analog Devices AD6600AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
REV. 0
–4–
AD6600–SPECIFICATIONS
TIMING REQUIREMENTS AND SWITCHING SPECIFICATIONS
1, 2
(AVCC = 5 V, DVCC = 3.3 V; ENC and
ENC = 20 MSPS, Duty Cycle = 50%; T
MIN = –40 C, TMAX = +85 C unless otherwise noted.)
Test
AD6600AST
Parameter
Name
Temp
Level
Min
Typ
Max
Unit
ENCODE/CLK2
×
Encode Rising to CLK2
× Falling3
tCF
Full
IV
6.5
8.0
9.5
ns
Encode Rising to CLK2
× Rising4
tCR
Full
IV
tCF + (tENCH)/2
ns
@ Encode = 13 MSPS, 50% Duty Cycle
Full
IV
25.7
27.2
28.7
ns
@ Encode = 20 MSPS, 50% Duty Cycle
Full
IV
19.0
20.5
22.0
ns
CLK2
×/DATA (D10:0, RSSI2:0)5
CLK2
× to DATA Rising Low Delay3
t2×_DRL
Full
IV
3.0
6.5
ns
CLK2
× to DATA Hold Time3
tH_D2×
Full
IV
3.0
6.5
ns
CLK2
× to DATA Falling Low3, 6
t2×_DFL
25
°C
IV
10.0
15.0
20.0
ns
Full
IV
11.0
15.5
22.0
ns
CLK2
× to DATA Setup Time4
tS_D2×
Full
IV
tENCH – t2×_DFL
ns
@ Encode = 13 MSPS, 50% Duty Cycle
Full
IV
16.5
23.0
ns
@ Encode = 20 MSPS, 50% Duty Cycle
6
25
°C
IV
5.0
10.0
ns
Full
IV
3.0
9.5
ns
CLK2
×/AB_OUT5
CLK2
× to AB_OUT Rising Low Delay3
t2×_ARL
Full
IV
7.0
11.0
ns
CLK2
× to AB_OUT Hold Time3
tH_A2×
Full
IV
7.0
11.0
ns
CLK2
× to AB_OUT Falling Low Delay3, 6
t2×_AFL
25
°C
IV
12.0
18.0
23.0
ns
Full
IV
10.7
19.0
26.0
ns
CLK2
× to AB_OUT Setup Time4
tS_A2×
Full
IV
tENCH – t2×_AFL
ns
@ Encode = 13 MSPS, 50% Duty Cycle
Full
IV
12.5
19.5
ns
@ Encode = 20 MSPS, 50% Duty Cycle6
25
°C
IV
2.0
7.0
ns
Full
IV
–1.0
6.0
ns
ENCODE/DATA (D10:0, RSSI2:0)
ENCODE to DATA Rising Low Delay
4
tEN_DRL
Full
IV
tCR + t2×_DRL
ns
ENCODE to DATA Hold Time
4
tH_DEN
Full
IV
tEN_DRL
ns
@ Encode = 13 MSPS, 50% Duty Cycle
Full
IV
28.7
33.7
ns
@ Encode = 20 MSPS, 50% Duty Cycle
Full
IV
22.0
27.0
ns
ENCODE to DATA Falling Low Delay
4
tEN_DFL
Full
IV
tCR + t2×_DFL
ns
ENCODE to DATA Delay (Setup)
4
tS_DEN
Full
IV
tENC – tEN_DFL
ns
@ Encode = 13 MSPS, 50% Duty Cycle
Full
IV
26.2
34.2
ns
@ Encode = 20 MSPS, 50% Duty Cycle
6
25
°C
IV
8.0
14.5
ns
Full
IV
6.0
14.0
ns
ENCODE/AB_OUT
ENCODE to AB_OUT Rising Low Delay
4
tEN_ARL
Full
IV
tCR + t2×_ARL
ns
ENCODE to AB_OUT Delay (Hold)
4
tH_AEN
Full
IV
tEN_ARL
ns
@ Encode = 13 MSPS, 50% Duty Cycle
Full
IV
32.7
38.2
ns
@ Encode = 20 MSPS, 50% Duty Cycle
Full
IV
26.0
31.5
ns
ENCODE to AB_OUT Falling Low Delay
4
tEN_AFL
Full
IV
tCR + t2×_AFL
ns
ENCODE to AB_OUT Delay (Setup)
4
tS_AEN
Full
IV
tENC – tEN_AFL
ns
@ Encode = 13 MSPS, 50% Duty Cycle
Full
IV
22.2
30.7
ns
@ Encode = 20 MSPS, 50% Duty Cycle
6
25
°C
IV
5.0
11.5
ns
Full
IV
2.0
10.5
ns
NOTES
1See AD6600 Timing Diagrams.
2All switching specifications tested by driving ENC and
ENC differentially.
3This specification IS NOT a function of Encode period and duty cycle.
4This specification IS a function of Encode period and duty cycle.
5CLK2
× referenced to 2.0 V crossing; digital output levels referenced to 0.8 V and 2.0 V crossings; all outputs with 10 pF load.
6For these particular specifications, the 25
°C specification is valid from 25°C to 85°C. The Full temperature specification includes cold temperature extreme and
covers the entire range, –40
°C to +85°C.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com