Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6600AST Datasheet(PDF) 6 Page - Analog Devices

Part # AD6600AST
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600AST Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6600AST Datasheet HTML 2Page - Analog Devices AD6600AST Datasheet HTML 3Page - Analog Devices AD6600AST Datasheet HTML 4Page - Analog Devices AD6600AST Datasheet HTML 5Page - Analog Devices AD6600AST Datasheet HTML 6Page - Analog Devices AD6600AST Datasheet HTML 7Page - Analog Devices AD6600AST Datasheet HTML 8Page - Analog Devices AD6600AST Datasheet HTML 9Page - Analog Devices AD6600AST Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
REV. 0
–5–
AD6600
AC SPECIFICATIONS
Test
AD6600AST
Parameter
Temp
Level
Min
Typ
Max
Unit
ANALOG INPUTS
1
Analog Input 3 dB Bandwidth
2
Full
V
450
MHz
Differential Analog Input Voltage Range
70 MHz
Full
V
2.45
V p-p
150 MHz
Full
V
2.57
V p-p
200 MHz
Full
V
2.62
V p-p
250 MHz
Full
V
2.86
V p-p
Differential Analog Input Impedance
3
70 MHz
25
°C
V
197–j24
Ω
150 MHz
25
°C
V
188–j48
Ω
200 MHz
25
°C
V
175–j57
Ω
250 MHz
25
°C
V
161–j67
Ω
300 MHz
25
°C
V
151–j73
Ω
350 MHz
25
°C
V
140–j80
Ω
400 MHz
25
°C
V
141–j75
Ω
450 MHz
25
°C
V
173–j107
Ω
Full-Scale Input Power
70 MHz
Full
V
5.8
dBm
150 MHz
Full
V
6.3
dBm
200 MHz
Full
V
6.7
dBm
250 MHz
Full
V
7.7
dBm
Full-Scale Gain Tolerance
4
70 MHz–250 MHz
Full
V
±0.5
dB
200 MHz5
25
°C
I
–1.0
±0.1
+1.0
dB
Gain Error
AIN = 200 MHz
@ –76 dBFS
25
°C
I
–1.5
+1.5
dB
Gain Matching (Input A:B)
70 MHz–250 MHz
Full
V
±0.1
dB
200 MHz
Full
II
–0.5
±0.05
+0.5
dB
Range-to-Range Gain Tolerance
70 MHz–250 MHz
Full
V
±0.1
dB
Range-to-Range Phase Tolerance
70 MHz
Full
V
0.2
Degree
250 MHz
Full
V
0.5
Degree
Channel Isolation
6
70 MHz–250 MHz
Full
IV
45
50
dB
Noise
7
Minimum Attenuation Level
Full
V
34
µV rms
Maximum Attenuation Level
Full
V
869
µV rms
Attenuator 3OIP
8
Full
V
+33
dBm
Signal-to-Noise Ratio (SNR)
9, 10, 11
AIN = 70 MHz
@ –1 dBFS
25
°CIV
55
59
dB
@ –6 dBFS
25
°C
V
54.5
dB
@ –10 dBFS
25
°CIV
45
49
dB
@ –12 dBFS to –42 dBFS
25
°C
IV
41
48
±6dB
@ –54 dBFS
25
°CIV
31
34
dB
AIN = 150 MHz
@ –1 dBFS
25
°CIV
55
58
dB
@ –6 dBFS
25
°CV
54
dB
@ –10 dBFS
25
°CIV
45
49
dB
@ –12 dBFS to –42 dBFS
25
°C
IV
41
48
±6dB
@ –54 dBFS
25
°CIV
31
34
dB
(AVCC = 5 V, DVCC = 3.3 V; ENC and
ENC = 20 MSPS, Duty Cycle = 50%; T
MIN = –40 C, TMAX = +85 C unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com