Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6600AST Datasheet(PDF) 8 Page - Analog Devices

Part # AD6600AST
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600AST Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6600AST Datasheet HTML 4Page - Analog Devices AD6600AST Datasheet HTML 5Page - Analog Devices AD6600AST Datasheet HTML 6Page - Analog Devices AD6600AST Datasheet HTML 7Page - Analog Devices AD6600AST Datasheet HTML 8Page - Analog Devices AD6600AST Datasheet HTML 9Page - Analog Devices AD6600AST Datasheet HTML 10Page - Analog Devices AD6600AST Datasheet HTML 11Page - Analog Devices AD6600AST Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
REV. 0
–7–
AD6600
AC SPECIFICATIONS (continued)
Test
AD6600AST
Parameter
Temp
Level
Min
Typ
Max
Unit
WORST OTHER SPUR (4th or Higher)
AIN = 70 MHz
@ –1 dBFS
Full
V
74.5
dBc
@ –6 dBFS
Full
V
71
dBc
@ –12 dBFS to –42 dBFS
Full
V
68
±6
dBc
AIN = 150 MHz
@ –1 dBFS
Full
V
67
dBc
@ –6 dBFS
Full
V
65
dBc
@ –12 dBFS to –42 dBFS
Full
V
67
±6
dBc
AIN = 200 MHz
@ –1 dBFS
25
°C
I
60
67
dBc
@ –6 dBFS
Full
V
66
dBc
@ –10 dBFS
25
°C
I
55
66
dBc
@ –12 dBFS to –42 dBFS
Full
V
65
±6
dBc
AIN = 250 MHz
@ –1 dBFS
Full
V
66.5
dBc
@ –6 dBFS
Full
V
65
dBc
@ –12 dBFS to –42 dBFS
Full
V
65
±6
dBc
NOTES
1AIN,
AIN/BIN, BIN: The AD6600 analog inputs are unconditionally stable and guarantee proper operation over the 70 MHz–250 MHz specified operating range.
Circuit board layout is critical on this device, and proper PCB layout must be employed to achieve specified results.
2Analog Input 3 dB Bandwidth is determined by internal track-and-hold. The front-end attenuators have a bandwidth of 1 GHz.
3Measured real and imaginary values using Network Analyzer.
4Full-scale gain tolerance is the typical variation in gain at a given IF input frequency. The nominal value for full-scale input power is a function of frequency as
shown in previous specification.
5Full-scale gain tolerance measured at 200 MHz analog input referenced to 6.7 dBm nominal full-scale input power. For the gain measurement test, the input signal
level is set to –6 dBFS. Tuning port bandwidth is set to 50 MHz.
6Main channel set to full-scale input power. Diversity channel swept from –20 dBFS to –90 dBFS.
7Measurement includes thermal and quantization noise at 70 MHz analog input. Tuning port bandwidth is set to 50 MHz.
8Test tones at 160.05 MHz and 170.05 MHz.
9Measurements at –1 dFBS, –6 dBFS, and –10 dBFS are in highest attenuation mode, RSSI = 101.
10Each gain-range is checked at ~3 dB from RSSI trip point (not in hysteresis); nominally –16 dBFS (RSSI = 100), –22 dBFS (RSSI = 011), –28 dBFS (RSSI = 010),
–35 dBFS (RSSI = 001).
11Measurement at –54 dBFS is in the lowest attenuation mode, RSSI = 000.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com