Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6600AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD6600AST
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6600AST Datasheet HTML 6Page - Analog Devices AD6600AST Datasheet HTML 7Page - Analog Devices AD6600AST Datasheet HTML 8Page - Analog Devices AD6600AST Datasheet HTML 9Page - Analog Devices AD6600AST Datasheet HTML 10Page - Analog Devices AD6600AST Datasheet HTML 11Page - Analog Devices AD6600AST Datasheet HTML 12Page - Analog Devices AD6600AST Datasheet HTML 13Page - Analog Devices AD6600AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
REV. 0
–9–
AD6600
PIN FUNCTION DESCRIPTIONS
Pin Number
Name
Function
1, 33
DVCC
Digital VCC for Digital Outputs. Can be 3.3 V.
2, 5, 13, 19, 21, 24, 30, 32
GND
Ground.
3
C1
Internal Bias Point. Bypass by 0.01
µF to GND.
4, 14, 15, 18, 20, 25, 31
AVCC
5 V Power Supply.
6–8
RSSI[2:0]
RSSI Digital Output Bits.
9, 10
B_SEL, A_SEL
Mode Select Pins for Analog Input Channel A and B Sampling.
11
AIN
True Analog Input Channel A.
12
AIN
Complementary Analog Input Channel A.
16, 17
FLT, FLT
Resonant Filter Pins for External LC Noise Filter.
22
BIN
Complementary Analog Input Channel B.
23
BIN
True Analog Input Channel B.
26
ENC
Complementary Encode Input.
27
ENC
True Encode Input.
28
CLK2
×
2
× Clock Output Used for Clocking Digital Filter Chips.
29
AB_OUT
Digital Output Flag Indicating Whether Output Is Input A (High) or B (Low).
34
D0
Digital Data Output Bit (Least Significant Bit)
*.
35–43
D1–D9
Digital Data Output Bits
*.
44
D10
Digital Data Output Bit (Most Significant Bit)
*.
*Digital Outputs (D10:D0) in Two’s Complement Format.
PIN CONFIGURATION
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
29
30
31
32
33
27
28
25
26
23
24
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12 13 14 15 16 17 18 19 20 21 22
DVCC
GND
AVCC
GND
AB_OUT
CLK2
ENC
AD6600
ENC
AVCC
GND
BIN
DVCC
GND
C1
AVCC
GND
RSSI2
RSSI1
RSSI0
B_SEL
A_SEL
AIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com