Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6600AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD6600AST
Description  Dual Channel, Gain-Ranging
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6600AST Datasheet HTML 11Page - Analog Devices AD6600AST Datasheet HTML 12Page - Analog Devices AD6600AST Datasheet HTML 13Page - Analog Devices AD6600AST Datasheet HTML 14Page - Analog Devices AD6600AST Datasheet HTML 15Page - Analog Devices AD6600AST Datasheet HTML 16Page - Analog Devices AD6600AST Datasheet HTML 17Page - Analog Devices AD6600AST Datasheet HTML 18Page - Analog Devices AD6600AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
REV. 0
AD6600
–14–
ENCODE
CLK2
D [10:0]
RSSI [2:0]
AB_OUT
tCLK2 H1
tCLK2 H2
tCLK2 L
tCF2
tCLK2 L
tCF1
CLK2 2
CLK2 1
CLK2 2
CLK2 1
CLK2 2
tENCH
tENCL
tENC
tCLK2 1
tCLK2 2
tCR2
tCR1
tS_DEN
tH_DEN
tS_DEN
tH_DEN
tH_AEN
tS_AEN
tH_AEN
tS_AEN
ENCODE
ENCODE
ENCODE
Figure 11. Encode Setup-and-Hold Time Characteristics
CLK2
D [10:0]
RSSI [2:0]
AB_OUT
3
2.6
8
8.4
6.2
6
Figure 12. Typical Output Rise and Fall Times
ENCODE
CLK2
20
30
50
20
30
18
18
8
8
40%
Figure 13. Encode = 20 MSPS, Duty Cycle = 40%
ENCODE
CLK2
20
30
50
20
30
8
8
60%
23
23
Figure 14. Encode = 20 MSPS, Duty Cycle = 60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com