Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677 Datasheet(PDF) 39 Page - Analog Devices

Part # AD6677
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6677 Datasheet HTML 35Page - Analog Devices AD6677 Datasheet HTML 36Page - Analog Devices AD6677 Datasheet HTML 37Page - Analog Devices AD6677 Datasheet HTML 38Page - Analog Devices AD6677 Datasheet HTML 39Page - Analog Devices AD6677 Datasheet HTML 40Page - Analog Devices AD6677 Datasheet HTML 41Page - Analog Devices AD6677 Datasheet HTML 42Page - Analog Devices AD6677 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 39 of 48
Reg
Addr
(Hex)
Reg Addr
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x65
JESD204B
BID config
JESD204B BID value
0x67
JESD204B
LID config
JESD204B LID value
0x6E
JESD204B
scrambler
(SCR) and
lane (L)
configuration
JESD204B
scrambling
(SCR):
0 =
disabled,
1 =
enabled
JESD204B number of lanes (L); 0 = one lane per link (L = 1)
0x80
0x6F
JESD204B
parameter, F
JESD204B number of octets per frame (F); calculated value; read only
[Note that this value is in x − 1 format]
0x01
Read only
0x70
JESD204B
parameter, K
JESD204B number of frames per multiframe (K);
set value of K per JESD204B specifications, but must also be a multiple of four octets
[Note that this value is in x − 1 format]
0x1F
0x71
JESD204B
parameter, M
JESD204B number of converters (M); 0 = 1 converter
0x00
0x72
JESD204B
parameters,
N/CS
Number of control bits
(CS):
00 = no control bits
(CS = 0),
01 = 1 control bit
(CS = 1),
10 = 2 control bits
(CS = 2)
ADC converter resolution (N),
0xA = 11-bit converter (N = 11)
[Note that this value is in x − 1 format]
0x0D
0x73
JESD204B
parameter,
subclass/N’
JESD204B subclass:
00 = Subclass 0,
01 = Subclass 1
(default)
JESD204B N’ value;
0xF = N’ = 16
[Note that this value is in x − 1 format]
0x2F
0x74
JESD204B
parameter, S
Reserved;
set to 1
JESD204B samples per converter per frame cycle (S); read only
[Note that this value is in x − 1 format]
0x20
0x75
JESD204B
parameters,
HD and CF
JESD204B
HD value;
read only
JESD204B control words per frame clock cycle per link (CF); read only
[Note that this value is in x − 1 format]
0x00
Read only
0x76
JESD204B
RESV1
JESD204B Reserved Field 1
0x77
JESD204B
RESV2
JESD204B Reserved Field 2
0x79
JESD204B
CHKSUM
JESD204B checksum value for the output lane
0x80
JESD204B
output driver
control
JESD204B
driver
power-
down:
0 =
enabled,
1 =
powered
down
0x00
0x8B
JESD204B
LMFC offset
Local multiframe clock (LMFC) phase offset value;
reset value for LMFC phase counter when SYSREF± is asserted;
used for deterministic delay applications
0x00
0xA8
JESD204B
preemphasis
JESD204B preemphasis enable option (consult factory for more details);
set value to 0x04 for preemphasis off, and set value to 0x14 for preemphasis on
0x04
Typically not
required
0xFF
Device
update
(global)
Transfer
settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com