Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677 Datasheet(PDF) 2 Page - Analog Devices

Part # AD6677
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677 Datasheet(HTML) 2 Page - Analog Devices

  AD6677 Datasheet HTML 1Page - Analog Devices AD6677 Datasheet HTML 2Page - Analog Devices AD6677 Datasheet HTML 3Page - Analog Devices AD6677 Datasheet HTML 4Page - Analog Devices AD6677 Datasheet HTML 5Page - Analog Devices AD6677 Datasheet HTML 6Page - Analog Devices AD6677 Datasheet HTML 7Page - Analog Devices AD6677 Datasheet HTML 8Page - Analog Devices AD6677 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 2 of 48
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Product Highlights ........................................................................... 3
Specifications..................................................................................... 4
ADC DC Specifications............................................................... 4
ADC AC Specifications ............................................................... 5
Digital Specifications ................................................................... 6
Switching Specifications .............................................................. 8
Timing Specifications .................................................................. 9
Absolute Maximum Ratings.......................................................... 10
Thermal Characteristics ............................................................ 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions........................... 11
Typical Performance Characteristics ........................................... 13
Equivalent Circuits......................................................................... 16
Theory of Operation ...................................................................... 17
ADC Architecture ...................................................................... 17
Analog Input Considerations.................................................... 17
Voltage Reference ....................................................................... 19
Clock Input Considerations...................................................... 19
Power Dissipation and Standby Mode..................................... 22
Noise Shaping Requantizer ........................................................... 23
22% Bandwidth Mode (>40 MHz at 184.32 MSPS) .............. 23
33% Bandwidth Mode (>60 MHz at 184.32 MSPS) .............. 24
Digital Outputs ............................................................................... 25
JESD204B Transmit Top Level Description............................ 25
ADC Overrange and Gain Control.......................................... 30
DC Correction (DCC)................................................................... 32
DC Correction Bandwidth........................................................ 32
DC Correction Readback.......................................................... 32
DC Correction Freeze................................................................ 32
DC Correction Enable Bits ....................................................... 32
Serial Port Interface (SPI).............................................................. 33
Configuration Using the SPI..................................................... 33
Hardware Interface..................................................................... 33
SPI Accessible Features.............................................................. 33
Memory Map .................................................................................. 35
Reading the Memory Map Register Table............................... 35
Memory Map Register Table..................................................... 36
Memory Map Register Descriptions........................................ 40
Applications Information .............................................................. 44
Design Guidelines ...................................................................... 44
Outline Dimensions....................................................................... 45
Ordering Guide .......................................................................... 45
REVISION HISTORY
1/16—Rev. B to Rev. C
Changes to General Description Section ...................................... 3
Changes to Nyquist Clock Input Section .................................... 19
Changes to JESD204B Overview Section.................................... 25
Changes to Figure 52...................................................................... 28
Change to Table 17 ......................................................................... 38
5/14—Rev. A to Rev. B
Change to RF Clock Rate Parameter, Table 3 ............................... 6
Change to Pin 11, Table 8 .............................................................. 11
Change to RF Clock Input Options Section................................ 20
Changes to Transfer Register Map Section ................................. 35
Changes to Table 17........................................................................ 37
Change to JESD204B Link Control 2 (Address 0x60)............... 41
3/14—Rev. 0 to Rev. A
Changes to Data Output Parameters, Table 4................................8
Changes to Figure 3...........................................................................9
4/13—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com