Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6677
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6677 Datasheet HTML 9Page - Analog Devices AD6677 Datasheet HTML 10Page - Analog Devices AD6677 Datasheet HTML 11Page - Analog Devices AD6677 Datasheet HTML 12Page - Analog Devices AD6677 Datasheet HTML 13Page - Analog Devices AD6677 Datasheet HTML 14Page - Analog Devices AD6677 Datasheet HTML 15Page - Analog Devices AD6677 Datasheet HTML 16Page - Analog Devices AD6677 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 13 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, DVDD = 1.8 V, sample rate is 250 MSPS, duty cycle stabilizer enabled, 1.75 V p-p differential input,
VIN = −1.0 dBFS, 16k sample, TA = 25°C, default SPI, unless otherwise noted.
–140
–120
–100
–80
–60
–40
–20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
FREQUENCY (Hz)
250 MSPS
90.1MHz AT –1.0dBFS
SNR = 65.5dB (66.5dBFS)
SFDR = 87dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 5. Single-Tone FFT with fIN = 90.1 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
FREQUENCY (Hz)
THIRD HARMONIC
SECOND HARMONIC
250MSPS
90.1MHz AT –1.0dBFS
SNR = 65.5dB (66.5dBFS)
SFDR = 87dBc
Figure 6. Single-Tone FFT with fIN = 90.1 MHz, RFCLK = 1.0 GHz with Divide by
4 (Address 0x09 = 0x21)
–140
–120
–100
–80
–60
–40
–20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
FREQUENCY (Hz)
THIRD HARMONIC
SECOND HARMONIC
250MSPS
185.1MHz AT –1.0dBFS
SNR = 65.1dB (66.1dBFS)
SFDR = 88dBc
Figure 7. Single-Tone FFT with fIN = 185.1 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
FREQUENCY (Hz)
THIRD HARMONIC
SECOND HARMONIC
250MSPS
185.1MHz AT –1.0dBFS
SNR = 65.3dB (66.3dBFS)
SFDR = 86dBc
Figure 8. Single-Tone FFT with fIN = 185.1 MHz, RFCLK = 1.0 GHz with Divide
by 4 (Address 0x09 = 0x21)
–140
–120
–100
–80
–60
–40
–20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
FREQUENCY (Hz)
THIRD HARMONIC
SECOND HARMONIC
250MSPS
305.1MHz AT –1.0dBFS
SNR = 64.3dB (65.3dBFS)
SFDR = 88dBc
Figure 9. Single-Tone FFT with fIN = 305.1 MHz
0
20
40
60
80
100
120
–100 –90 –80 –70 –60 –50 –40 –30 –20 –10
0
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SFDR (dBc)
SNR (dBFS)
SFDR (dBFS)
Figure 10. Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 185.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com