Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6677
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677 Datasheet(HTML) 1 Page - Analog Devices

  AD6677 Datasheet HTML 1Page - Analog Devices AD6677 Datasheet HTML 2Page - Analog Devices AD6677 Datasheet HTML 3Page - Analog Devices AD6677 Datasheet HTML 4Page - Analog Devices AD6677 Datasheet HTML 5Page - Analog Devices AD6677 Datasheet HTML 6Page - Analog Devices AD6677 Datasheet HTML 7Page - Analog Devices AD6677 Datasheet HTML 8Page - Analog Devices AD6677 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
80 MHz Bandwidth, IF Receiver
Data Sheet
AD6677
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
JESD204B Subclass 0 or Subclass 1 coded serial digital outputs
Signal-to-noise ratio (SNR) = 71.9 dBFS at 185 MHz AIN and
250 MSPS with noise shaping requantizer (NSR) set to 33%
Spurious-free dynamic range (SFDR) = 87 dBc at 185 MHz AIN
and 250 MSPS
Total power consumption: 435 mW at 250 MSPS
1.8 V supply voltages
Integer 1 to 8 input clock divider
Sample rates of up to 250 MSPS
IF sampling frequencies of up to 400 MHz
Internal analog-to-digital converter (ADC) voltage reference
Flexible analog input range
1.4 V p-p to 2.0 V p-p (1.75 V p-p nominal)
ADC clock duty cycle stabilizer (DCS)
Serial port control
Energy saving power-down modes
APPLICATIONS
Communications
Diversity radio and smart antenna multiple input, multiple
output (MIMO) systems
Multimode digital receivers (3G)
TD-SCDMA, WiMAX, W-CDMA, CDMA2000, GSM, EDGE, LTE
I/Q demodulation systems
General-purpose software radios
GENERAL DESCRIPTION
The AD6677 is an 11-bit, 250 MSPS, intermediate frequency
(IF) receiver specifically designed to support multi-antenna
systems in telecommunication applications where high dynamic
range performance, low power, and small size are desired.
The device consists of a high performance ADC and an NSR
digital block. The ADC consists of a multistage, differential
pipelined architecture with integrated output error correction
logic, and each ADC features a wide bandwidth switched capacitor
sampling network within the first stage of the differential pipeline.
An integrated voltage reference eases design considerations. A duty
cycle stabilizer compensates for variations in the ADC clock duty
cycle, allowing the converters to maintain excellent performance.
The ADC output is connected internally to an NSR block. The
integrated NSR circuitry allows for improved SNR performance
in a smaller frequency band within the Nyquist bandwidth.
The device supports two different output modes selectable via
the serial port interface (SPI). With the NSR feature enabled,
the output of the ADC is processed such that the AD6677
supports enhanced SNR performance within a limited portion
of the Nyquist bandwidth while maintaining an 11-bit output
resolution.
FUNCTIONAL BLOCK DIAGRAM
CML, TX
OUTPUTS
JESD204B
INTERFACE
HIGH
SPEED
SERIALIZERS
CMOS
DIGITAL
INPUT
CMOS
DIGITAL
OUTPUT
FAST
DETECT
CONTROL
REGISTERS
CLOCK
GENERATION
AVDD
SDIO SCLK
FD
PDWN
SERDOUT0±
CS
DRVDD
DVDD
AGND DGND DRGND
CMOS DIGITAL
INPUT/OUTPUT
AD6677
RST
SYSREF±
SYNCINB±
CLK±
RFCLK
PIPELINE
11-BIT ADC
VIN+
VIN–
VCM
NOISE
SHAPING
REQUANTIZER
(NSR)
Figure 1.


Similar Part No. - AD6677

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD667 AD-AD667 Datasheet
327Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
AD667 AD-AD667 Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667 Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667 Datasheet
600Kb / 6P
MICROPROCESSOR
23-Feb-2017
AD667/883B AD-AD667/883B Datasheet
327Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
More results

Similar Description - AD6677

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
SF0199CD02382S ICSI-SF0199CD02382S Datasheet
147Kb / 4P
199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
logo
Integrated Circuit Syst...
SF0199CD02382S ICST-SF0199CD02382S Datasheet
147Kb / 4P
199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
Rev X9
logo
API Technologies Corp
SF0250BA02425S APITECH-SF0250BA02425S Datasheet
181Kb / 3P
250 MHz SAW Filter 80 MHz Bandwidth
SF0199CD02382S APITECH-SF0199CD02382S Datasheet
151Kb / 4P
199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
logo
Spectrum Microwave, Inc...
SF0600BA03183S SPECTRUM-SF0600BA03183S Datasheet
125Kb / 3P
600 MHz SAW Filter 80 MHz Bandwidth
logo
API Technologies Corp
SF0600BA03183S APITECH-SF0600BA03183S Datasheet
125Kb / 3P
600 MHz SAW Filter 80 MHz Bandwidth
logo
TriQuint Semiconductor
855679 TRIQUINT-855679_15 Datasheet
67Kb / 1P
80 MHz Bandpass Filter 8 MHz Bandwidth
logo
Analog Devices
AD6673 AD-AD6673 Datasheet
1Mb / 45P
80 MHz Bandwidth, Dual IF Receiver
REV. C
AD6684 AD-AD6684 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
80 MHz Bandwidth, Dual IF Receiver
25-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com