Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6677
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6677 Datasheet HTML 15Page - Analog Devices AD6677 Datasheet HTML 16Page - Analog Devices AD6677 Datasheet HTML 17Page - Analog Devices AD6677 Datasheet HTML 18Page - Analog Devices AD6677 Datasheet HTML 19Page - Analog Devices AD6677 Datasheet HTML 20Page - Analog Devices AD6677 Datasheet HTML 21Page - Analog Devices AD6677 Datasheet HTML 22Page - Analog Devices AD6677 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 19 of 48
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use an amplifier with variable
gain. The AD8375 digital variable gain amplifier (DVGA) provides
good performance for driving the AD6677. Figure 33 shows an
example of the AD8375 driving the AD6677 through a band-
pass antialiasing filter.
AD8375
ADC
1µH
1µH
1nF
1nF
VPOS
VCM
15pF
68nH
20kΩ║2.5pF
301Ω
165Ω
165Ω
5.1pF 3.9pF
180nH
1000pF
1000pF
NOTES
1. ALL INDUCTORS ARE COILCRAFT® 0603CS COMPONENTS WITH THE
EXCEPTION OF THE 1µH CHOKE INDUCTORS (COILCRAFT 0603LS).
2. FILTER VALUES SHOWN ARE FOR A 20MHz BANDWIDTH FILTER
CENTERED AT 140MHz.
180nH
220nH
220nH
Figure 33. Differential Input Configuration Using the AD8376
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD6677.
The full-scale input range can be adjusted by varying the reference
voltage via the SPI. The input span of the ADC tracks the reference
voltage changes linearly.
CLOCK INPUT CONSIDERATIONS
The AD6677 has two options for deriving the input sampling
clock: a differential Nyquist sampling clock input or an RF clock
input (which is internally divided by 2 or 4). The clock input is
selected in Address 0x09 and, by default, is configured for the
Nyquist clock input. For optimum performance, clock the
AD6677 Nyquist sample clock input, CLK+ and CLK−, with
a differential signal. The signal is typically ac-coupled into the
CLK+ and CLK− pins via a transformer or capacitors. These pins
are biased internally (see Figure 34) and require no external bias.
If the clock inputs are floated, CLK− is pulled slightly lower than
CLK+ to prevent spurious clocking.
Nyquist Clock Input Options
The AD6677 Nyquist clock input supports a differential clock
between 40 MHz to 625 MHz. The clock input structure supports
differential input voltages from 0.3 V to 3.6 V and is, therefore,
compatible with various logic family inputs, such as CMOS,
LVDS, and LVPECL. A sine wave input is also accepted, but
higher slew rates typically provide optimal performance. Clock
source jitter is a critical parameter that can affect performance, as
described in the Jitter Considerations section. If the inputs are
floated, pull the CLK− pin low to prevent spurious clocking.
The Nyquist clock input pins, CLK+ and CLK−, are internally
biased to 0.9 V and have a typical input impedance of 4 pF in
parallel with 10 kΩ (see Figure 34). The input clock is typically
ac-coupled to CLK+ and CLK−. Some typical clock drive circuits
are presented in Figure 35 through Figure 38 for reference.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 34. Equivalent Nyquist Clock Input Circuit
For applications where a single-ended low jitter clock between
40 MHz to 200 MHz is available, an RF transformer is recom-
mended. Figure 35 shows an example of using an RF transformer
in the clock network. At frequencies above 200 MHz, an RF balun
is recommended, as seen in Figure 36. The back to back Schottky
diodes across the transformer secondary limit clock excursions
into the AD6677 to approximately 0.8 V p-p differential. This
limit helps prevent the large voltage swings of the clock from
feeding through to other portions of the AD6677, yet preserves
the fast rise and fall times of the clock, which are critical to low
jitter performance.
390pF
390pF
390pF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 35. Transformer-Coupled Differential Clock (Up to 200 MHz)
390pF
390pF
390pF
CLOCK
INPUT
1nF
25Ω
25Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 36. Balun-Coupled Differential Clock (Up to 625 MHz)
In some cases, it is desirable to buffer or generate multiple
clocks from a single source. In those cases, Analog Devices, Inc.,
offers clock drivers with excellent jitter performance. Figure 37
shows a typical PECL driver circuit that uses PECL drivers such
as the AD9510, AD9511, AD9512, AD9513, AD9514, AD9515,
the AD9516-0 through AD9516-5 device family, the AD9517-0
through AD9517-4 device family, the AD9518-0 through
AD9518-4 device family, the AD9520-0 through AD9520-5
device family, the AD9522-0 through AD9522-5 device family,
AD9523, AD9524, and ADCLK905/ADCLK907/ADCLK925.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com