Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 37Page - Analog Devices AD9993BBCZ Datasheet HTML 38Page - Analog Devices AD9993BBCZ Datasheet HTML 39Page - Analog Devices AD9993BBCZ Datasheet HTML 40Page - Analog Devices AD9993BBCZ Datasheet HTML 41Page - Analog Devices AD9993BBCZ Datasheet HTML 42Page - Analog Devices AD9993BBCZ Datasheet HTML 43Page - Analog Devices AD9993BBCZ Datasheet HTML 44Page - Analog Devices AD9993BBCZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 40 of 56
CLKGEN CONTROL REGISTER
Address: 0x034, Reset: 0x04, Name: CLKGEN_CTRL2
Table 33. Bit Descriptions for CLKGEN_CTRL2
Bits
Bit Name
Description
Reset
Access
3
CLKGEN_DAC_M0_INV
Swaps CMOS and differential clock buffer for DAC only.
0x0
RW
0 = normal mode.
1 = inverts CLKGEN_MODE[0] for DAC only.
2
CLKGEN_ADC_M0_INV
Swaps CMOS and differential clock buffer for ADC only.
0x1
RW
0 = normal mode.
1 = inverts CLKGEN_MODE[0] for ADC only.
[1:0]
CLKGEN_MODE
Configures the IC for external or internal clock.
0x0
RW
00 = selects on-chip synthesizer to drive LVDS at 1 GHz, ADC at 250 MHz,
and DAC at 500 MHz.
01 = same as 00 except uses differential clock buffer for DAC and ADC.
10 = selects external clock source to drive LVDS at clock rate, ADC at clock
rate divide by 4, and DAC at clock rate divide by 2. Minimum clock rate =
200 MHz.
11 = same as 10 except uses differential clock buffer for DAC and ADC.
DAC LVDS RX CONTROL REGISTER
Address: 0x035, Reset: 0x4D, Name: DAC_LVDS_CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com