Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 39Page - Analog Devices AD9993BBCZ Datasheet HTML 40Page - Analog Devices AD9993BBCZ Datasheet HTML 41Page - Analog Devices AD9993BBCZ Datasheet HTML 42Page - Analog Devices AD9993BBCZ Datasheet HTML 43Page - Analog Devices AD9993BBCZ Datasheet HTML 44Page - Analog Devices AD9993BBCZ Datasheet HTML 45Page - Analog Devices AD9993BBCZ Datasheet HTML 46Page - Analog Devices AD9993BBCZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 42 of 56
DAC CORES CONTROL REGISTER
Address: 0x039, Reset: 0x02, Name: DAC_CTRL
Table 36. Bit Descriptions for DAC_CTRL
Bits
Bit Name
Description
Reset
Access
7
DAC_TRANS
DAC input latch data transfer method select.
0x0
RW
0 = edge triggered.
1 = level triggered.
[6:4]
DAC_VCM_VREF_BIT
Sets DAC common-mode level.
0x0
RW
000 = 0.0 V.
001 = 0.2 V.
010 = 0.3 V.
011 = 0.4 V
100 = 0.5 V
101 = 0.6 V
110 = 0.7 V.
111 = 0.8 V.
1
DAC_RSET_EN
Selects on-chip RFSADJ_x resistor.
0x1
RW
0
DAC_REF_EXT
Selects external DAC Reference voltage. Set to 1 to use an off-chip DAC
reference.
0x0
RW
DAC DATAPATH FORMAT CONTROL REGISTER
Address: 0x03A, Reset: 0x00, Name: DAC_DP_FMT
Table 37. Bit Descriptions for DAC_DP_FMT
Bits
Bit Name
Description
Reset
Access
1
DAC_BINARY
Enable binary offset data format (default is twos complement).
0x0
RW
0 = twos complement.
1 = binary offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com