Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 25Page - Analog Devices AD9993BBCZ Datasheet HTML 26Page - Analog Devices AD9993BBCZ Datasheet HTML 27Page - Analog Devices AD9993BBCZ Datasheet HTML 28Page - Analog Devices AD9993BBCZ Datasheet HTML 29Page - Analog Devices AD9993BBCZ Datasheet HTML 30Page - Analog Devices AD9993BBCZ Datasheet HTML 31Page - Analog Devices AD9993BBCZ Datasheet HTML 32Page - Analog Devices AD9993BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 28 of 56
REGISTER MAP
Table 10. SPI Accessible Register Summary
Address
Name
Description
Reset Value
RW
0x000
SPI_CONFIG
SPI configuration
0x18
RW
0x001
CHIP_ID
Chip ID
0xB2
R
0x002
CHIP_GRADE
CHIP_GRADE
0x01
R
0x005
DEVICE_INDEX
Device index
0x0F
RW
0x008
POWER_MODES
Power mode control (indexed)
0x55
RW
0x00A
ALIGN
Align ADC LVDS clocks, ADC FIFO, DAC FIFO
0x80
RW
0x00C
Reserved
Reserved
0x01
R
0x010
Reserved
Reserved
0x00
R
0x011
Reserved
Reserved
0x00
R
0x012
STROBE_CTRL
Strobe lane control (transfer)
0x00
RW
0x013
FLEX_OUTPUT_MODE
Output mode (transfer, indexed)
0x11
RW
0x014
FLEX_OUTPUT_ADJUST
LVDS Tx control (transfer)
0x00
RW
0x016
FLEX_VREF
VREF control (transfer)
0x00
RW
0x017
PRBS_GEN_CTRL
PRBS generator control (transfer, indexed)
0x00
RW
0x020
PRBS0_SEED_MSB
8-bit seed MSB of PRBS generator for Lane0 (transfer, indexed)
0x01
RW
0x021
PRBS1_SEED_MSB
8-bit seed MSB of PRBS generator for Lane1 (transfer, indexed)
0x02
RW
0x022
PRBS2_SEED_MSB
8-bit seed MSB of PRBS generator for Lane2 (transfer, indexed)
0x03
RW
0x023
PRBS3_SEED_MSB
8-bit seed MSB of PRBS generator for Lane3 (transfer, indexed)
0x04
RW
0x02D
SYNTH_STAT
Synthesizer status
0x00
R
0x02E
LF_CTRL1
Loop filter control signals (transfer)
0x77
RW
0x02F
LF_CTRL2
Loop filter control signals (transfer)
0xF7
RW
0x030
LF_CTRL3
Loop filter control signals (transfer)
0x00
RW
0x031
SYNTH_INT
Integer value of synthesize divider (transfer)
0x40
RW
0x032
SYNTH_CTRL
Synthesizer control (transfer)
0x00
RW
0x033
CLKGEN_CTRL1
Clock generator control (transfer)
0x00
RW
0x034
CLKGEN_CTRL2
CLKGEN control (transfer)
0x04
RW
0x035
DAC_LVDS_CTRL
DAC LVDS Rx control (transfer)
0x4D
RW
0x036
DAC_LVDS_BIAS
DAC LVDS current bias control (transfer)
0x00
RW
0x037
Reserved
Reserved
0x00
RW
0x038
Reserved
Reserved
0x00
RW
0x039
DAC_CTRL
DAC cores control (transfer)
0x02
RW
0x03A
DAC_DP_FMT
DAC datapath format control (transfer)
0x00
RW
0x03C
DAC_CAL_IQ_CTRL
DAC IQ calibration control (transfer)
0x04
RW
0x03D
DAC_CAL_IQ_STAT
DAC IQ calibration status
0x00
R
0x03F
DAC_FIFO_STS1
DAC Rx FIFO Status 1
0x55
R
0x040
DAC_PRBS_CTRL
PRBS detector control (transfer)
0x00
RW
0x041
DAC_A_PRBS_ERR0
PRBS Detector Error Count 0 for DAC A
0x00
R
0x042
DAC_A_PRBS_ERR1
PRBS Detector Error Count 1 for DAC A
0x00
R
0x043
DAC_A_PRBS_ERR2
PRBS Detector Error Count 2 for DAC A
0x00
R
0x044
DAC_A_PRBS_ERR3
PRBS Detector Error Count 3 for DAC A
0x00
R
0x045
DAC_A_PRBS_ERR4
PRBS Detector Error Count 4 for DAC A
0x00
R
0x046
DAC_A_PRBS_ERR5
PRBS Detector Error Count 5 for DAC A
0x00
R
0x047
DAC_A_PRBS_ERR6
PRBS Detector Error Count 6 for DAC A
0x00
R
0x048
DAC_B_PRBS_ERR0
PRBS Detector Error Count 0 for DAC B
0x00
R
0x049
DAC_B_PRBS_ERR1
PRBS Detector Error Count 1 for DAC B
0x00
R
0x04A
DAC_B_PRBS_ERR2
PRBS Detector Error Count 2 for DAC B
0x00
R
0x04B
DAC_B_PRBS_ERR3
PRBS Detector Error Count 3 for DAC B
0x00
R
0x04C
DAC_B_PRBS_ERR4
PRBS Detector Error Count 4 for DAC B
0x00
R
0x04D
DAC_B_PRBS_ERR5
PRBS Detector Error Count 5 for DAC B
0x00
R
0x04E
DAC_B_PRBS_ERR6
PRBS Detector Error Count 6 for DAC B
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com