Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 24Page - Analog Devices AD9993BBCZ Datasheet HTML 25Page - Analog Devices AD9993BBCZ Datasheet HTML 26Page - Analog Devices AD9993BBCZ Datasheet HTML 27Page - Analog Devices AD9993BBCZ Datasheet HTML 28Page - Analog Devices AD9993BBCZ Datasheet HTML 29Page - Analog Devices AD9993BBCZ Datasheet HTML 30Page - Analog Devices AD9993BBCZ Datasheet HTML 31Page - Analog Devices AD9993BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Data Sheet
AD9993
Rev. A | Page 27 of 56
APPLICATIONS INFORMATION
DIRECT CONVERSION RADIO APPLICATION
A direct conversion radio application of the MxFE is shown in
Figure 32. The DAC output signals, IOUTA_P/IOUTA_N and
IOUTB_P/IOUTB_N, are differential currents. At 500 MSPS,
DAC output signals fall within the 1st Nyquist zone (dc to
250 MHz). DAC current outputs are converted to a voltage and
then processed by passive low-pass filters (LPF). The low-pass
filters reject out of band signal harmonics and their sampling
images. The filter outputs feed the baseband inputs of a
quadrature modulator. Quadrature modulator baseband inputs
must fall within an allowable voltage range, which gives rise to a
common-mode voltage requirement at the outputs of the DACs.
The MxFE receive signal chain consists of a VGA followed by a
quadrature demodulator, then by a programmable LPF, and
another VGA. The ADRF6518 is an LPF and VGA specifically
designed to drive the analog inputs of high speed ADCs like the
ones on the MxFE. The LPF is an antialiasing filter. At
250 MSPS, the ADC signal bandwidth is 125 MHz.
See the ADRF6518 as ADC Driver section for further
information about this interface.
Figure 32. Radio Signal Chain Example
DATA
ASSEMBLER
PLL AND CLOCK
DISTRIBUTION
OR BYPASS
CLKP
CLKN
STROBE_x
DOUTxA_x/DOUxB_x
DINxA_x, DINxB_x
DCI_x
DCO_x
SERIAL
PORT
LOGIC
RST
SPI_SDI, SPI_SDO
SPI_SCLK
SPI_CS
IOUTA_x
IOUTB_x
REFERENCES
AND BIAS
250MSPS
ADCs
A_VINx, B_VINx
C_VINx, D_VINx
QUAD
MODULATOR
QUAD
DEMOD
ADRF6518
VGA
RF IN
VGA
RF OUT
AD9993
500MSPS
DACs
PASSIVE LPF
PROGRAMMABLE
LPF AND VGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com