Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 26Page - Analog Devices AD9993BBCZ Datasheet HTML 27Page - Analog Devices AD9993BBCZ Datasheet HTML 28Page - Analog Devices AD9993BBCZ Datasheet HTML 29Page - Analog Devices AD9993BBCZ Datasheet HTML 30Page - Analog Devices AD9993BBCZ Datasheet HTML 31Page - Analog Devices AD9993BBCZ Datasheet HTML 32Page - Analog Devices AD9993BBCZ Datasheet HTML 33Page - Analog Devices AD9993BBCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Data Sheet
AD9993
Rev. A | Page 29 of 56
Address
Name
Description
Reset Value
RW
0x050
TS_RD_LSB
Bits[7:0] of Temperature sensor data readback
0x00
R
0x051
TS_RD_MSB
Bits[15:8] of Temperature sensor data readback
0x00
R
0x052
Reserved
Reserved
0x00
R
0x053
Reserved
Reserved
0x00
R
0x054
TS_CTRL
Temperature sensor control signals
0x01
RW
0x055
IRQ_CTRL
Interrupt pin control
0x00
RW
0x060
DDS_CTRL
DDS control
0x00
RW
0x061
DDS_TW1_0
DDS tuning word for Tone 1
0x00
RW
0x062
DDS_TW1_1
DDS tuning word for Tone 1
0x00
RW
0x063
DDS_TW1_2
DDS tuning word for Tone 1
0xA0
RW
0x064
DDS_TW1_3
DDS tuning word for Tone 1
0x19
RW
0x0F0
INT
Interrupt status
0x00
R
0x0F1
INTEN
Interrupt enable (transfer)
0x00
RW
0x0F2
INT_RAW
Interrupt source status
0x00
R
0x0FF
DEVICE_UPDATE
Global device update register
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com