Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7632 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7632
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7632 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC7632 Datasheet HTML 7Page - Burr-Brown (TI) DAC7632 Datasheet HTML 8Page - Burr-Brown (TI) DAC7632 Datasheet HTML 9Page - Burr-Brown (TI) DAC7632 Datasheet HTML 10Page - Burr-Brown (TI) DAC7632 Datasheet HTML 11Page - Burr-Brown (TI) DAC7632 Datasheet HTML 12Page - Burr-Brown (TI) DAC7632 Datasheet HTML 13Page - Burr-Brown (TI) DAC7632 Datasheet HTML 14Page - Burr-Brown (TI) DAC7632 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DAC7632
11
SBAS234
www.ti.com
TYPICAL CHARACTERISTICS: VSS = –5V (Cont.)
At TA = +25°C, VDD = VCC = +5V, VSS = –5V, VREFH = +2.5V, VREFL = –2.5V, representative unit, unless otherwise specified.
NEGATIVE FULL-SCALE ERROR vs TEMPERATURE
DAC A
DAC B
3
2
1
0
–1
–2
–3
Temperature (
°C)
–40
–15
85
10
35
60
Code (0000
H)
5
4
3
2
1
0
–1
–2
–3
–4
–5
R
LOAD (kΩ)
0.01
0.1
1
10
100
V
OUT vs RLOAD
Source
Sink
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(–2.5V to +2.5V)
+5V
LDAC
0
Large-Signal Settling Time: 2V/div
Small-Signal Settling Time: 500
µV/div
Time (2
µs/div)
OUTPUT VOLTAGE vs SETTLING TIME
(+2.5V to –2.5V)
+5V
LDAC
0
Large-Signal Settling Time: 2V/div
Small-Signal Settling Time:
500
µV/div
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
ANALOG SUPPLY CURRENT vs DIGITAL INPUT CODE
0000
H
2000
H
4000
H
I
CC
I
SS
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
No Load
1
0.5
0
–0.5
–1
–1.5
ANALOG SUPPLY CURRENT vs TEMPERATURE
I
SS
I
CC
Data = FFFF
H (all DACs)
No Load
Temperature (
°C)
–40
–15
10
35
60
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com