Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7632 Datasheet(PDF) 14 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7632
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7632 Datasheet(HTML) 14 Page - Burr-Brown (TI)

Back Button DAC7632 Datasheet HTML 10Page - Burr-Brown (TI) DAC7632 Datasheet HTML 11Page - Burr-Brown (TI) DAC7632 Datasheet HTML 12Page - Burr-Brown (TI) DAC7632 Datasheet HTML 13Page - Burr-Brown (TI) DAC7632 Datasheet HTML 14Page - Burr-Brown (TI) DAC7632 Datasheet HTML 15Page - Burr-Brown (TI) DAC7632 Datasheet HTML 16Page - Burr-Brown (TI) DAC7632 Datasheet HTML 17Page - Burr-Brown (TI) DAC7632 Datasheet HTML 18Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DAC7632
14
SBAS234
www.ti.com
FIGURE 5. Dual Supply Configuration-Buffered References, used for Dual-Supply Performance.
V
OUTA
V
OUTA Sense
V
REFL Sense
V
REFL
V
REFH
V
REFH Sense
V
OUTB Sense
V
OUTB
32
31
30
29
28
27
26
25
DAC7632
1000pF
V
OUT
V
OUT
100
Ω
100
Ω
+2.5V
+V
–2.5V
–V
–V
+V
OPA2234
2200pF
1000pF
2200pF
V
OUTA
V
OUTA Sense
V
REFL Sense
V
REFL
V
REFH
V
REFH Sense
V
OUTB Sense
V
OUTB
32
31
30
29
28
27
26
25
DAC7632
R
W2
R
W1
+2.5V
+V
V
OUT
R
W1
R
W2
V
OUT
FIGURE 4. Analog Output Closed-Loop Configuration
RW represents wiring resistances.
ANALOG OUTPUTS
When VSS = –5V (dual-supply operation), the output amplifier
can swing to within 2.25V of the supply rails over the –40
°C
to +85
°C temperature range. When V
SS = 0V (single-supply
operation), and with RLOAD also connected to ground, the
output can swing to ground. Care must also be taken when
measuring the zero-scale error when VSS = 0V. Since the
output cannot swing below ground, the output voltage may
not change for the first few digital input codes (0000H, 0001H,
0002H, etc.) if the output amplifier has a negative offset. At
the negative limit of –2mV, the first specified output starts at
code 0040H.
Due to the high accuracy of these DACs, system design
problems such as grounding and contact resistance become
very important. A 16-bit converter with a 2.5V full-scale range
has a 1LSB value of 38
µV. With a load current of 1mA, series
wiring and connector resistance of only 40m
Ω (R
W2) will
cause a voltage drop of 40
µV, as shown in Figure 4. To
understand what this means in terms of a system layout, the
resistivity of a typical 1 ounce copper-clad printed circuit
board is 1/2m
Ω per square. For a 1mA load, a 10 milli-inch
wide printed circuit conductor 600 milli-inches long will result
in a voltage drop of 30
µV.
The DAC7632 offers a force and sense output configuration
for the high open-loop gain output amplifier. This feature
allows the loop around the output amplifier to be closed at the
load, as shown in Figure 4, thus ensuring an accurate output
voltage.
REFERENCE INPUTS
The reference inputs, VREFL and VREFH, can be any voltage
between VSS + 2.5V and VCC – 2.5V, provided that VREFH is
at least 1.25V greater than VREFL. The minimum output of
each DAC is equal to VREFL plus a small offset voltage
(essentially, the offset of the output op amp). The maximum
output is equal to VREFH plus a similar offset voltage. Note
that VSS (the negative power supply) must either be
connected to ground or must be in the range of –4.75V to
–5.25V. The voltage on VSS sets several bias points within
the converter. If VSS is not in one of these two configurations,
the bias values may be in error and proper operation of the
device may be affected.
The current into the VREFH input and out of VREFL depends
on the DAC output voltages, and can vary from a few
microamps to approximately 0.5mA. The reference input
appears as a varying load to the reference supply. If the
reference applied can sink or source the required current, a
reference buffer is not required. The DAC7632 features
reference drive and sense connections such that the internal
errors caused by the changing reference current and the
circuit impedances can be minimized. Figures 5 through 13
show different reference configurations and the effect on the
integral linearity and differential linearity, for each case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com