Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7632 Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7632
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7632 Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button DAC7632 Datasheet HTML 8Page - Burr-Brown (TI) DAC7632 Datasheet HTML 9Page - Burr-Brown (TI) DAC7632 Datasheet HTML 10Page - Burr-Brown (TI) DAC7632 Datasheet HTML 11Page - Burr-Brown (TI) DAC7632 Datasheet HTML 12Page - Burr-Brown (TI) DAC7632 Datasheet HTML 13Page - Burr-Brown (TI) DAC7632 Datasheet HTML 14Page - Burr-Brown (TI) DAC7632 Datasheet HTML 15Page - Burr-Brown (TI) DAC7632 Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
DAC7632
12
SBAS234
www.ti.com
FIGURE 1. DAC7632 Architecture.
R
2R
2R
2R
2R
2R
2R
2R
2R
2R
V
REFH
V
OUT
V
OUT Sense
V
REFH Sense
V
REFL
V
REFL Sense
R
F
TYPICAL CHARACTERISTICS: VSS = –5V (Cont.)
At TA = +25°C, VDD = VCC = +5V, VSS = –5V, VREFH = +2.5V, VREFL = –2.5V, representative unit, unless otherwise specified.
Time (1
µs/div)
OUTPUT VOLTAGE
vs MID-SCALE GLITCH PERFORMANCE
+5V
LDAC
0
7FFF
H to 8000H
Time (1
µs/div)
OUTPUT VOLTAGE
vs MID-SCALE GLITCH PERFORMANCE
+5V
LDAC
0
8000
H to 7FFFH
THEORY OF OPERATION
The DAC7632 is a dual channel, voltage output, 16-bit DAC.
The architecture is an R-2R ladder configuration with the
three MSB’s segmented, followed by an operational amplifier
that serves as a buffer. Each DAC has its own R-2R ladder
network, segmented MSBs, and output op amp, as shown in
Figure 1. The minimum voltage output (zero-scale) and
maximum voltage output (full-scale) are set by the external
voltage references VREFL and VREFH, respectively.
The digital input is a 24-bit serial word that contains an
address bit for selecting one of two DACs, a quick load bit,
six unused bits, and the 16-bit DAC code (MSB first). The
converters can be powered from either a single +5V supply
or a dual
±5V supply. The device offers a reset function
which immediately sets all DAC output voltages, DAC regis-
ters and input registers to mid-scale (code 8000H) or to zero-
scale (code 0000H), depending on the state of RSTSEL. See
Figures 2 and 3 for the basic configurations of the DAC7632.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com