Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7632 Datasheet(PDF) 19 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7632
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7632 Datasheet(HTML) 19 Page - Burr-Brown (TI)

Back Button DAC7632 Datasheet HTML 13Page - Burr-Brown (TI) DAC7632 Datasheet HTML 14Page - Burr-Brown (TI) DAC7632 Datasheet HTML 15Page - Burr-Brown (TI) DAC7632 Datasheet HTML 16Page - Burr-Brown (TI) DAC7632 Datasheet HTML 17Page - Burr-Brown (TI) DAC7632 Datasheet HTML 18Page - Burr-Brown (TI) DAC7632 Datasheet HTML 19Page - Burr-Brown (TI) DAC7632 Datasheet HTML 20Page - Burr-Brown (TI) DAC7632 Datasheet HTML 21Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DAC7632
19
SBAS234
www.ti.com
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
tDS
Data Valid to CLK Rising
10
ns
tDH
Data Held Valid after CLK Rises
20
ns
tCH
CLK HIGH
25
ns
tCL
CLK LOW
25
ns
tCSS
CS LOW to CLK Rising
15
ns
tCSH
CLK HIGH to CS Rising
0
ns
tLD1
LOAD HIGH to CLK Rising
10
ns
tLD2
CLK Rising to LOAD LOW
30
ns
tLDRW
LOAD LOW Time
30
ns
tLDDL
LDAC LOW Time
100
ns
tLDDH
LDAC HIGH Time
100
ns
tLDDD
LOAD LOW to LDAC Rising
40
ns
tRSSS
RESETSEL Valid to RESET HIGH
0
ns
tRSSH
RESET HIGH to RESETSEL Not Valid
100
ns
tRSTL
RESET LOW Time
10
ns
tRSTH
RESET HIGH Time
10
ns
tSDO
SDO Propogation Delay
10
30
ns
tS
Settling Time
10
µs
TABLE III. Timing Specifications (TA = –40°C to +85°C).
FIGURE 16. 4-20mA Digitally-Controlled Current Source.
V
OUTA
V
OUTA Sense
V
REFL Sense
V
REFL
V
REFH
V
REFH Sense
V
OUTB Sense
V
OUTB
32
31
30
29
28
27
26
25
DAC7632
1000pF
I
OUT
100
Ω
+2.5V
20k
Ω
80k
Ω
+V
+V
OPA2350
100
Ω
2200pF
1000pF
2200pF
V
PROGRAMMED
125
Ω
I
OUT
V
PROGRAMMED
125
Ω
Figure 16 shows a DAC7632 in a 4-20mA current output
configuration. The output current can be determined by
Equation 3:
I
VV
N
V
OUT =


• 




+ 


25
05
125
65 536
05
125
.
– .
,
.
ΩΩ
At full-scale, the output current is 16mA, plus the 4mA, for the
zero current. At zero scale the output current is the offset
current of 4mA (0.5V/125
Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com