Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7632 Datasheet(PDF) 15 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7632
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7632 Datasheet(HTML) 15 Page - Burr-Brown (TI)

Back Button DAC7632 Datasheet HTML 11Page - Burr-Brown (TI) DAC7632 Datasheet HTML 12Page - Burr-Brown (TI) DAC7632 Datasheet HTML 13Page - Burr-Brown (TI) DAC7632 Datasheet HTML 14Page - Burr-Brown (TI) DAC7632 Datasheet HTML 15Page - Burr-Brown (TI) DAC7632 Datasheet HTML 16Page - Burr-Brown (TI) DAC7632 Datasheet HTML 17Page - Burr-Brown (TI) DAC7632 Datasheet HTML 18Page - Burr-Brown (TI) DAC7632 Datasheet HTML 19Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DAC7632
15
SBAS234
www.ti.com
FIGURE 6. Single-Supply Buffered Reference with a Reference Low of 50mV.
V
OUTA
V
OUTA Sense
V
REFL Sense
V
REFL
V
REFH
V
REFH Sense
V
OUTB Sense
V
OUTB
32
31
30
29
28
27
26
25
DAC7632
1000pF
V
OUT
V
OUT
100
Ω
+2.5V
2k
Ω
98k
Ω
+0.050V
+V
+V
OPA2350
2200pF
1000pF
2200pF
100
Ω
FIGURE 9. Single-Supply Buffered Reference with VREFL = +1.25V and VREFH = +2.5V.
FIGURE 7. Integral Linearity and Differential Linearity Error
Characteristic Curves for Figure 6.
FIGURE 8. Integral Linearity and Differential Linearity Error
Characteristic Curves for Figure 9.
V
OUTA
V
OUTA Sense
V
REFL Sense
V
REFL
V
REFH
V
REFH Sense
V
OUTB Sense
V
OUTB
32
31
30
29
28
27
26
25
DAC7632
1000pF
V
OUT
V
OUT
100
Ω
+V
OPA2350
2200pF
1000pF
2200pF
+2.5V
+V
+V
+1.25V
100
Ω
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com