Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6364AMTC14X Datasheet(PDF) 6 Page - ON Semiconductor

Part # FMS6364AMTC14X
Description  Four-Channel Standard- & High-Definition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6364AMTC14X Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FMS6364AMTC14X Datasheet HTML 2Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 3Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 4Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 5Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 9Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6364A • Rev. 3.0.5
5
High-Definition Electrical Characteristics
Unless otherwise noted, TA=25°C, VCC=3.3 V, RS=37.5
Ω, all inputs are AC coupled with 0.1 µF, and all outputs
AC coupled with 220 µF into 150
Ω load.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
AV
Channel Gain
(4)
Active Video Input Range=1 VPP
5.8
6.0
6.2
dB
ΔAV24MHz Damping at 24 MHz
RSOURCE=75 Ω, RL=150 Ω
-0.65
dB
ΔAV28MHz Damping at 28 MHz
RSOURCE=75 Ω, RL=150 Ω
-1
dB
BW3.0dB
-3.0 dB Bandwidth
(4)
RSOURCE=75 Ω, RL=150 Ω
32
34
MHz
Att37.125M
Normalized Stopband
Attenuation
(4)
RSOURCE=75 Ω, f=37.325 MHz
6.5
dB
Att44.25M
RSOURCE=75 Ω, f=44.25 MHz
14.5
dB
Att74.25M
RSOURCE=75 Ω, f=74.25 MHz
40
44
dB
Att78M
RSOURCE=75 Ω, f=78 MHz
42
46
dB
THD1
Output Distortion
(All Channels)
f=10 MHz; VOUT=1.4 VPP
0.4
%
THD2
f=15 MHz; VOUT=1.4 VPP
0.5
THD3
f=22 MHz; VOUT=1.4 VPP
0.5
Xtalk
Crosstalk
(Channel-to-Channel)
f=1.00 MHz; VOUT=1.4 VPP
-70
dB
SNR
Peak Signal to RMS Noise
Unweighted: 30 MHz Lowpass,
100 kHz to 30 MHz
70
dB
tpd
Propagation Delay
Delay from Input to Output;
100 kHz to 26 MHz
25
ns
Note:
4.
100% tested at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com