Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6364AMTC14X Datasheet(PDF) 7 Page - ON Semiconductor

Part # FMS6364AMTC14X
Description  Four-Channel Standard- & High-Definition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6364AMTC14X Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FMS6364AMTC14X Datasheet HTML 3Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 4Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 5Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 9Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 10Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6364A • Rev. 3.0.5
6
Typical Performance Characteristics
Unless otherwise noted, TA = 25°C, VCC = 3.3 V, RS = 37.5 Ω, and AC-coupled output into 150 Ω load.
Figure 3. SD Frequency Response
Figure 4. SD Flatness
Figure 5. HD Frequency Response
Figure 6. HD Flatness
Figure 7. Differential Gain
-75.00
-65.00
-55.00
-45.00
-35.00
-25.00
-15.00
-5.00
5.00
Frequency
-7.00
-6.00
-5.00
-4.00
-3.00
-2.00
-1.00
0.00
1.00
Frequency
-65.00
-55.00
-45.00
-35.00
-25.00
-15.00
-5.00
5.00
Frequency
-20.00
-18.00
-16.00
-14.00
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
2.00
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com