Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6364AMTC14X Datasheet(PDF) 10 Page - ON Semiconductor

Part # FMS6364AMTC14X
Description  Four-Channel Standard- & High-Definition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6364AMTC14X Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FMS6364AMTC14X Datasheet HTML 5Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 9Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 10Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 11Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 12Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6364A • Rev. 3.0.5
9
The same method can be used for biased signals. The
Pb and Pr channels are biased to set the DC level to
500 mV.
The same circuits can be used with AC-coupled outputs
if desired.
Figure 17. AC-Coupled Inputs and Outputs
Figure 18. Biased SCART with AC-Coupled Outputs
Note:
5.
The video tilt or line time distortion is dominated by
the AC-coupling capacitor. The value may need to
be increased beyond 220
μF to obtain satisfactory
operation in some applications.
Power Dissipation
The FMS6364A output drive configuration must be
considered when calculating overall power dissipation.
Care must be taken not to exceed the maximum die
junction temperature. The following equations can be
used to calculate the power dissipation and internal
temperature rise.
TJ = TA + PD • ϴJA
(1)
where:
PD = PCH1 + PCH2 + PCH3 and
(2)
PCHx = VCC • ICH - (VO
2/R
L)
(3)
where:
VO = 2 VIN + 0.280 V
(4)
ICH = (ICC/3) + (VO/RL)
(5)
VIN = RMS value of input signal
ICC = 50 mA
VCC = 3.3 V
RL = channel load resistance.
Board layout can also affect thermal characteristics.
Refer to the Layout Considerations section for details.
The FMS6364A is specified to operate with output
currents typically less than 50 mA, more than sufficient
for a dual (75
Ω) video load. Internal amplifiers are
current limited to a maximum of 100 mA and should
withstand brief-duration short-circuit conditions. This
capability is not guaranteed.
DVD or
STB
SoC
DAC
Output
LCVF
Clamp
Active
0.1μ
0V - 1.4V
75Ω
220μ
LCVF
Clamp
Active
0.1μ
External video
source must
be AC coupled
0V - 1.4V
220μ
75Ω
75Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com