Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6364AMTC14X Datasheet(PDF) 11 Page - ON Semiconductor

Part # FMS6364AMTC14X
Description  Four-Channel Standard- & High-Definition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6364AMTC14X Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FMS6364AMTC14X Datasheet HTML 5Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 9Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 10Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 11Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 12Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6364A • Rev. 3.0.5
10
Layout Considerations
General layout and supply bypassing play a major role
in
high-frequency
performance
and
thermal
characteristics. Fairchild offers a demonstration board to
guide layout and aid device evaluation. The demo board
is a four-layer board with full power and ground planes.
Following this layout configuration provides optimum
performance and thermal characteristics for the device.
For the best results, follow the steps and recommended
routing rules listed below.
Recommended Routing/Layout Rules
Do not run analog and digital signals in parallel.
Use separate analog and digital power planes to
supply power.
Do not run traces on top of the ground plane.
Run no traces over ground/power splits.
Avoid routing at 90-degree angles.
Minimize clock and video data trace length
differences.
Include 0.01 μF and 0.1 μF ceramic power supply
bypass capacitors.
Place the 0.1 μF capacitor within 2.54 mm (0.1 in)
of the device power pin.
Place the 0.01 μF capacitor within 19.05 mm
(0.75 in) of the device power pin.
For multi-layer boards, use a large ground plane to
help dissipate heat.
For two-layer boards, use a ground plane that
extends beyond the device body at least 12.7 mm
(0.5 in) on all sides. Include a metal paddle under
the device on the top layer.
Minimize all trace lengths to reduce series
inductance.
Place a 75 Ω series resistor within 12.7 mm (0.5 in)
of the output pin to isolate the output driver from
board parasitics.
Output Considerations
The FMS6364A outputs are DC offset from the input by
150 mV; therefore VOUT = 2 • VIN DC+150 mV. This
offset is required to obtain optimal performance from the
output driver and is held at the minimum value to
decrease the standing DC current into the load. Since
the FMS6364A has a 2 x (6 dB) gain, the output is
typically connected via a 75
Ω-series back-matching
resistor followed by the 75
Ω video cable. Because of
the inherent divide by two of this configuration, the
blanking level at the load of the video signal is always
less than 1 V. When AC coupling the output, ensure that
the coupling capacitor of choice passes the lowest
frequency content in the video signal and that line time
distortion (video tilt) is kept as low as possible.
The selection of the coupling capacitor is a function of
the subsequent circuit input impedance and the leakage
current of the input being driven. To obtain the highest
quality output video signal, the series termination
resistor must be placed as close to the device output pin
as
possible.
This
greatly
reduces
the
parasitic
capacitance and inductance effect on the output driver.
The distance from device pin to the series termination
resistor should be no greater than 12.7 mm (0.5 in).
Routing Trace
≤ 12.7mm
75-Ohm Series
Termination Resistor
Lead
Pad
Pad for
Resistor
Lead
Figure 19. Recommended Resistor Placement
Thermal Considerations
Since the interior of systems such as set-top boxes,
TVs, and DVD players are at +70ºC; consideration must
be given to providing an adequate heat sink for the
device package for maximum heat dissipation. When
designing a system board, determine how much power
each device dissipates. Ensure that devices of high
power are not placed in the same location, such as
directly above (top plane) or below (bottom plane), each
other on the PCB.
PCB Thermal Layout Considerations
Understand the system power requirements and
environmental conditions.
Maximize thermal performance of the PCB.
Consider using 70 μm of copper for high-power
designs.
Make the PCB as thin as possible by reducing FR4
thickness.
Use vias in the power pad to tie adjacent layers
together.
Remember that baseline temperature is a function
of board area, not copper thickness.
Consider modeling techniques a first-order
approximation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com