Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6364AMTC14X Datasheet(PDF) 9 Page - ON Semiconductor

Part # FMS6364AMTC14X
Description  Four-Channel Standard- & High-Definition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6364AMTC14X Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FMS6364AMTC14X Datasheet HTML 5Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 6Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 7Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 8Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 9Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 10Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 11Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 12Page - ON Semiconductor FMS6364AMTC14X Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6364A • Rev. 3.0.5
8
Application Information
Application Circuits
The FMS6364A
VoltagePlus™ video filter provides a
6 dB gain from input to output. In addition, the input is
slightly offset to optimize the output driver performance.
The offset is held to the minimum required value to
decrease the standing DC current into the load. Typical
voltage levels are shown in the diagram below:
Figure 12. Typical Voltage Levels
The FMS6364A provides an internal diode clamp to
support AC-coupled input signals. If the input signal
does not go below ground, the input clamp does not
operate. This allows DAC outputs to directly drive the
FMS6364A without an AC-coupling capacitor. When the
input is AC-coupled, the diode clamp sets the sync tip
(or lowest voltage) just below ground. The worst-case
sync tip compression due to the clamp cannot exceed
7mV. The input level set by the clamp, combined with
the internal DC offset, keeps the output within its
acceptable range.
For symmetric signals like Chroma, U, V, Pb, and Pr;
the average DC bias is fairly constant and the inputs
can be AC coupled. DAC outputs can also drive these
same signals without the AC-coupling capacitor. A
conceptual illustration of the input clamp circuit is shown
in Figure 13:
Figure 13.
Input Clamp Circuit
I/O Configurations
For a DC-coupled DAC drive with DC-coupled outputs,
use the configuration in Figure 14.
Figure 14.
DC-Coupled Inputs and Outputs
Alternatively, if the DAC’s average DC output level
causes the signal to exceed the range of 0 V to 1.4 V, it
can be AC coupled as shown in Figure 15.
Figure 15. AC-Coupled Inputs, DC-Coupled Outputs
When the FMS6364A is driven by an unknown external
source or a SCART switch with its own clamping
circuitry, the inputs should be AC coupled as shown in
Figure 16.
Figure 16.
SCART with DC-Coupled Outputs
There is a 280mV offset from the DC input level to the
DC output level. V OUT = 2 * V IN + 280mV.
0.0 -> 0.02V
0.3 -> 0.32V
0.65 -> 0.67V
1.0 -> 1.02V
VIN
0.28V
0.88V
1.58V
2.28V
Driven by:
DC-Coupled DAC Outputs
AC-Coupled and Clamped
Y, CV, R, G, B
VOUT
0.15V
0.5V
0.85V
VIN
0.58V
1.28V
1.98V
Driven by:
AC-Coupled and Biased
U, V, Pb, Pr, C
VOUT
DVD or
STB
SoC
DAC
Output
75W
LCVF
Clamp
Inactive
0V - 1.4V
DVD or
STB
SoC
DAC
Output
LCVF
Clamp
Active
0.1μ
0V - 1.4V
75Ω
75Ω
LCVF
Clamp
Active
0.1μ
External video
source must
be AC coupled
0V - 1.4V
75Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com