Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8543EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8543EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 13Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 14Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 15Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 16Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
______________________________________________________________________________________
13
Table 1. Suggested Components for Figure 1
DESIGNATION
QTY
DESCRIPTION
C1
1
1µF ±20%, 16V X5R ceramic capacitor (0603)
Panasonic ECJ1VB1C105M or equivalent
C2
1
10µF ±20%, 6.3V X5R ceramic capacitor (0805)
Panasonic ECJ2FB0J106M or Taiyo Yuden JMK212BJ106MG
C3
1
0.1µF ±10%, 50V X7R ceramic capacitor (0603)
TDK C1608X7R1H104KT or equivalent
C4A, C4B, C4C
2
10µF ±20%, 16V X5R ceramic capacitors (1206)
Panasonic ECJ3YB1C106M or equivalent
C5
1
0.22µF ±10%, 10V X7R ceramic capacitor (0603)
Taiyo Yuden LMK107BJ224KA or equivalent
C6A, C6B
2
180µF, 4V aluminum poly SPCAPs
Panasonic EEFUE0G181XR
C7
1
10pF, 50V C0G ceramic capacitor (0603)
C8
1
220pF ±10%, 50V X7R ceramic capacitor (0603)
C9, C10
2
0.47µF ±10% X7R ceramic capacitors (0603)
C11
1
100pF, 50V C0G ceramic capacitor (0603)
C12
1
470µF ±20%, 16V aluminum electrolytic capacitor
Rubycon 16MBZ470M
D1
1
100mA, 30V Schottky diode (SOT-323)
Central CMSSH-3
D2
1
250mA, 100V switching diode (SOT23)
Central CMPD914
L1
1
0.82µH, 33A, 1.6m
Ω inductor
Vishay IHLP-5050FD-01 0.82µH
N1, N2
2
N-channel MOSFETs
IRF IRF7821
N3, N4
2
N-channel MOSFETs
IRF IRF7832
R1
1
17.4k
Ω ±1% resistor (0603)
R2
1
8.06k
Ω ±1% resistor (0603)
R3
1
220k
Ω ±5% resistor (0603)
R4, R5
2
1.3k
Ω ±5% resistors (0603)
R6
1
42.2k
Ω ±1% resistor (0603)
R7
1
90.9k
Ω ±1% resistor (0603)
R8
1
9.31k
Ω ±1% resistor (0603)
R9
1
100k
Ω ±5% resistor (0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com