Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8543EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8543EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 13.2V, VBST - VLX = 5V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCS+ - VCS-, VILIM1 = 0V
38.5
50
56.5
VCS+ - VCS-, VILIM1 = (1/3)VVL
85
100
115
VCS+ - VCS-, VILIM1 = (2/3)VVL
127.5
150
172.5
VCS+ - VCS-, VILIM1 = VVL
170
200
230
VLX - VPGND, RILIM2 = 50k
Ω (MAX8544 only)
-42.5
-50
-57.5
VLX - VPGND, RILIM2 = 200k
Ω (MAX8544 only)
-160
-200
-240
VLX - VPGND, VFB = 0.8V (MAX8543 only)
-110
-130
-150
Current-Limit Threshold
VLX - VPGND, VFB = 0V (MAX8543 only)
-20
-30
-40
mV
Negative Current-Limit Threshold
% of positive-direction current limit VLX - VPGND
-25
-50
-85
%
CS+, CS- Input Current
VCS+ = VCS- = 0 or 5V
-40
+40
µA
CS+, CS- Input Common-Mode Range
0
13.2
V
OSCILLATOR
RFSYNC = 18.2k
Ω
800
1000
1200
Switching Frequency
RFSYNC = 158k
Ω
200
kHz
Minimum Off-Time
Measured at DH
150
220
270
ns
Minimum On-Time
Measured at DH
90
145
ns
FSYNC Synchronization Range
160
1200
kHz
FSYNC Input High Pulse Width
100
ns
FSYNC Input Low Pulse Width
100
ns
FSYNC Rise/Fall Time
100
ns
SYNCO Phase Shift from DH Rising
RFSYNC = 18.2k
Ω, free-running mode,
at maximum duty cycle
165
180
195
Degrees
SYNCO Output Low Level
ISYNCO = 5mA
0.4
V
SYNCO Output High Level
ISYNCO = 5mA
VVL - 1V
V
MOSFET DRIVERS
(VBST - VLX) = 5V
1
2.5
DH On-Resistance, High State
(VBST - VLX) = 3V
1.2
Ω
(VBST - VLX) = 5V
1
2.5
DH On-Resistance, Low State
(VBST - VLX) = 3V
1.2
Ω
VVL = 5V
1
2.5
DL On-Resistance, High State
VVL = 3V
1.2
Ω
VVL = 5V
0.6
1.7
DL On-Resistance, Low State
VVL = 3V
0.8
Ω
Low-side off to high-side on
55
Break-Before-Make Dead Time
High-side off to low-side on
40
ns
LX, BST, IN Leakage Current
VBST = 18.7V, VLX = 13.2V, VIN = 13.2V
5
µA
THERMAL PROTECTION
Thermal Shutdown
Rising temperature
+160
°C
Thermal-Shutdown Hysteresis
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com