Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8543EEE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8543EEE Datasheet HTML 17Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 18Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 19Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 20Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 21Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 22Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 23Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 24Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
______________________________________________________________________________________
21
MOSFET Selection
The MAX8543/MAX8544 drive two or four external,
logic-level, n-channel MOSFETs as the circuit switch
elements. The key selection parameters are:
1) On-resistance (RDS(ON)): the lower, the better.
2) Maximum drain-to-source voltage (VDSS): should
be at least 20% higher than the input supply rail at
the high-side MOSFET’s drain.
3) Gate charges (QG, QGD, QGS): the lower, the better.
For a 3.3V input application, choose a MOSFET with a
rated RDS(ON) at VGS = 2.5V. For a 5V input application,
choose the MOSFETs with rated RDS(ON) at VGS
≤ 4.5V.
For a good compromise between efficiency and cost,
choose the high-side MOSFET (N1, N2) that has conduc-
tion losses equal to the switching loss at nominal input
voltage and output current. The selected low-side
MOSFET (N3, N4) must have an RDS(ON) that satisfies the
current-limit-setting condition above. Ensure that the low-
side MOSFET does not spuriously turn on due to dV/dt
caused by the high-side MOSFET turning on as this
would result in shoot-through current and degrade the
efficiency. MOSFETs with a lower QGD / QGS ratio have
higher immunity to dV/dt. For high-current applications, it
is often preferable to parallel two MOSFETs rather than to
use a single large MOSFET.
For proper thermal-management design, the power dis-
sipation must be calculated at the desired maximum
operating junction temperature, maximum output current,
and worst-case input voltage (for the low-side MOSFET,
worst case is at VIN(MAX); for the high-side MOSFET, it
could be either at VIN(MAX) or VIN(MIN)). The high-side
and low-side MOSFETs have different loss components
due to the circuit operation. The low-side MOSFET oper-
ates as a zero-voltage switch; therefore, major losses
are the channel-conduction loss (PLSCC) and the body-
diode conduction loss (PLSDC):
Use RDS(ON) at TJ(MAX):
where VF is the body-diode forward-voltage drop, tDT is
the dead time between high-side and low-side switching
transitions, and fS is the switching frequency.
The high-side MOSFET operates as a duty-cycle control
switch and has the following major losses: the channel-
conduction loss (PHSCC), the VI overlapping switching
loss (PHSSW), and the drive loss (PHSDR). The high-side
MOSFET does not have body-diode conduction loss
because the diode never conducts current:
Use RDS(ON) at TJ(MAX):
where IGATE is the average DH-driver output current
capability determined by:
where RDS(ON)(HS) is the high-side MOSFET driver’s
on-resistance (1
Ω, typ) and RGATE is the internal gate
resistance of the MOSFET (
≈0.5Ω to 3Ω):
where VGS
≈ VVL.
In addition to the losses above, allow about 20% more for
additional losses due to MOSFET output capacitances
and low-side MOSFET body-diode reverse-recovery
charge dissipated in the high-side MOSFET, but it is not
well defined in the MOSFET data sheet. Refer to the
MOSFET data sheet for thermal resistance specifications
to calculate the PC board area needed to maintain the
desired maximum operating junction temperature with the
above calculated power dissipations.
To reduce EMI caused by switching noise, add a 0.1µF
ceramic capacitor from the high-side switch drain to
the low-side switch source or add resistors in series
with DH and DL to slow down the switching transitions.
However, adding series resistors increases the power
dissipation of the MOSFET, so be sure this does not
overheat the MOSFET.
PQ
V
f
R
RR
HSDR
G
GS
S
GATE
GATE
DS ON HS
=×
×
×
+
()(
)
I
V
RR
GATE
VL
DS ON HS
GATE
≅
×
+
05
.
()(
)
PV
I
QQ
I
f
HSSW
IN
LOAD
GS
GD
GATE
S
=×
×
+
×
P
V
V
IR
HSCC
OUT
IN
LOAD
DS ON
=×
×
()
2
PI
V
t
f
LSDC
LOAD
F
DT
S
=×
×
×
×
2
P
V
V
IR
LSCC
OUT
IN
LOAD
DS ON
=−
⎛
⎝⎜
⎞
⎠⎟
××
1
2
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com