Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8543EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX8543EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 13Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 14Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 15Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 16Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 17Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 18Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 19Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
16
______________________________________________________________________________________
Detailed Description
DC-DC Converter Control Architecture
The MAX8543/MAX8544 step-down controllers use a
PWM, current-mode control scheme. An internal
transconductance amplifier establishes an integrated
error voltage. The heart of the PWM controller is an
open-loop comparator that compares the integrated
voltage-feedback signal against the amplified current-
sense signal plus the slope-compensation ramp, which
are summed into the main PWM comparator to pre-
serve inner-loop stability and eliminate inductor stair-
casing. At each rising edge of the internal clock, the
high-side MOSFET turns on until the PWM comparator
trips or the maximum duty cycle is reached or the peak
current limit is reached. During this on-time, current
ramps up through the inductor, storing energy in a
magnetic field and sourcing current to the output. The
current-mode feedback system regulates the peak
inductor current as a function of the output-voltage-
error signal. The circuit acts as a switch-mode
transconductance amplifier and pushes the output LC
filter pole normally found in a voltage-mode PWM to a
higher frequency.
During the second half of the cycle, the high-side
MOSFET turns off and the low-side MOSFET turns on.
The inductor releases the stored energy as the current
ramps down, providing current to the output. The out-
put capacitor stores charge when the inductor current
exceeds the required load current and discharges
when the inductor current is lower, smoothing the volt-
age across the load. Under soft-overload conditions,
when the peak inductor current exceeds the selected
current limit (see the Current-Limit Circuit section), the
high-side MOSFET is turned off immediately and the
low-side MOSFET is turned on and remains on to let the
inductor current ramp down until the next clock cycle.
Under heavy-overload or short-circuit conditions, the
valley foldback current limit is enabled to reduce power
dissipation of external components.
The MAX8543/MAX8544 operate in a forced-PWM
mode. As a result, the controller maintains a constant
switching frequency, regardless of load, to allow for
easier filtering of the switching noise.
Internal 5V Linear Regulator (VL)
All MAX8543/MAX8544 functions are powered from the
on-chip, low-dropout, 5V linear regulator. Connect a
1µF to 10µF ceramic capacitor from VL to PGND. In
applications where the input voltage is less than 5.5V,
bypass the linear regulator by connecting VL to IN.
Undervoltage Lockout
When VL drops below 2.62V, the MAX8543/MAX8544
assume that the supply voltage is too low for proper oper-
ation, so the undervoltage-lockout (UVLO) circuitry
inhibits switching and forces the DL and DH gate drivers
low. When VL rises above 2.7V, the controller enters the
startup sequence and then resumes normal operation.
Startup and Soft-Start
The soft-start circuitry gradually ramps up the reference
voltage to control the rate of rise of the step-down con-
troller output and reduce input surge currents during
startup. The soft-start period is determined by the value
of the capacitor from SS to GND. The soft-start time is
approximately (33ms/µF) x CSS. The MAX8543/MAX8544
also feature prebias startup; therefore, both external
power MOSFETs are kept off if the voltage at FB is higher
than that at SS. This allows the MAX8543/MAX8544 to
start up into a prebiased output without pulling the output
voltage down.
Before the MAX8543/MAX8544 can begin the soft-start
and power-up sequence, the following conditions must
be met:
1) VVL exceeds the 2.7V undervoltage-lockout threshold.
2) EN is at logic high.
3) The thermal limit is not exceeded.
Enable
The MAX8543/MAX8544 feature a low-power shutdown
mode. A logic low at EN shuts down the controller.
During shutdown, the output is high impedance, and
both DH and DL are low. Shutdown reduces the quies-
cent current (IQ) to less than 10µA. A logic high at EN
enables the controller.
Synchronous-Rectifier Driver (DL)
Synchronous rectification reduces conduction losses in
the rectifier by replacing the normal Schottky catch
diode with a low-resistance MOSFET switch. The
MAX8543/MAX8544 also use the synchronous rectifier
to ensure proper startup of the boost gate-driver circuit
and to provide the current-limit signal. The DL low-side
gate-drive waveform is always the complement of the
DH high-side gate-drive waveform (with controlled
dead time to prevent cross-conduction or shoot-
through). An adaptive dead-time circuit monitors the DL
voltage and prevents the high-side MOSFET from turn-
ing on until DL is fully off. For the dead-time circuit to
work properly, there must be a low-resistance, low-
inductance path from the DL driver to the MOSFET
gate. Otherwise, the sense circuitry in the MAX8543/
MAX8544 can interpret the MOSFET gate as off when
gate charge actually remains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com