Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8543EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8543EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 13.2V, VBST - VLX = 5V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, EN, CS+, CS- to GND .......................................-0.3V to +14V
BST, DH to LX ..........................................................-0.3V to +6V
BST to GND ............................................................-0.3V to +20V
DL, COMP, ILIM2, SS, SYNCO,
FSYNC to GND .......................................-0.3V to (VVL + 0.3V)
VL, FB, POK, ILIM1, ILIM, MODE to GND ................-0.3V to +6V
PGND to GND .......................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70
°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C) .......666.7mW
20-Pin QSOP (derate 9.1mW/°C above +70°C) .......727.3mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage Range
VL connected to IN for VIN < 5.5V
3.0
13.2
V
Quiescent Supply Current
VFB = 0.9V, no switching
2
3
mA
EN = GND, MODE = GND, IN not connected to VL
10
Shutdown Supply Current
EN = GND, VL = IN, MODE = GND
20
µA
VL Undervoltage-Lockout Trip Level
VVL rising, typical hysteresis is 80mV
2.52
2.7
2.88
V
Output Voltage Adjust Range (VOUT)
(Note 1)
0.8
V
VL Output Voltage
5.5V < VIN < 13.2V, 1mA < IVL < 75mA
4.5
5
5.5
V
VL Output Current
75
mA
VOLTAGE REFERENCE
SS Shutdown Resistance
From SS to GND, VEN = 0V
20
100
Ω
SS Soft-Start Current
VREF = 0.625V
14
24
34
µA
Soft-Start Ramp Time
Output from 0% to 100%, CREF = 0.01µF to 1µF
33
ms/µF
ERROR AMPLIFIER
FB Regulation Voltage
0.792
0.8
0.808
V
Transconductance
70
110
160
µS
COMP Shutdown Resistance
From COMP to GND, VEN = 0V
20
100
Ω
FB Input Leakage Current
VFB = 0.9V
5
100
nA
FB Input Common-Mode Range
-0.1
+0.9
V
CURRENT-SENSE AMPLIFIER
VILIM1 = 0V
8.8
11
13.2
VILIM1 = (1/3)VVL
4.8
6
7.2
VILIM1 = (2/3)VVL
3.2
4
4.8
Voltage Gain
VOUT = 0 to 13V
VILIM1 = VVL
2.4
3
3.6
V/V
CURRENT LIMIT
ILIM2 Output Current (MAX8544 Only)
RILIM2 = 50k
Ω to 200kΩ
4.5
5
5.5
µA
ILIM1 Input Current
VILIM1 = 0V or VVL
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com