Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0230CS Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 9Page - ON Semiconductor AR0230CS Datasheet HTML 10Page - ON Semiconductor AR0230CS Datasheet HTML 11Page - ON Semiconductor AR0230CS Datasheet HTML 12Page - ON Semiconductor AR0230CS Datasheet HTML 13Page - ON Semiconductor AR0230CS Datasheet HTML 14Page - ON Semiconductor AR0230CS Datasheet HTML 15Page - ON Semiconductor AR0230CS Datasheet HTML 16Page - ON Semiconductor AR0230CS Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AR0230CS
www.onsemi.com
13
on−chip ALTM will not be used and the ISP cannot handle
16 bit data.
Compression
When the AR0230CS is configured for linear mode
operation, the sensor can optionally compress 12−bit data to
10−bit using A−law compression. The A−law compression
is disabled by default.
Packaging
The AR0230CS will be offered in a 10x10 80−iBGA
package (parallel and HiSPi). The package will have
anti−reflective coating on both sides of the cover glass.
Parallel Interface
The parallel pixel data interface uses these output−only
signals:
• FRAME_VALID
• LINE_VALID
• PIXCLK
• DOUT[11:0]
The parallel pixel data interface is disabled by default at
power up and after reset. It can be enabled by programming
R0x301A. When the parallel pixel data interface is in use,
the serial data output signals can be left unconnected.
High Speed Serial Pixel (HiSPi) Interface
The
HiSPi
interface
supports
three
protocols,
Streaming−S, Streaming−SP, and Packetized SP. The
streaming protocols conform to a standard video application
where each line of active or intra−frame blanking provided
by the sensor is transmitted at the same length. The
Packetized SP protocol will transmit only the active data
ignoring line−to−line and frame−to−frame blanking data.
The HiSPi interface building block is a unidirectional
differential serial interface with four data and one double
data rate (DDR) clock lanes. One clock for every four serial
data lanes is provided for phase alignment across multiple
lanes. The AR0230CS supports serial data widths of 10, 12,
14, 16, or 20 bits on one, two, or four lanes. The specification
includes a DLL to compensate for differences in group delay
for each data lane. The DLL is connected to the clock lane
and each data lane, which acts as a control master for the
output delay buffers. Once the DLL has gained phase lock,
each lane can be delayed in 1/8 unit interval (UI) steps. This
additional delay allows the user to increase the setup or hold
time at the receiver circuits and can be used to compensate
for skew introduced in PCB design. Delay compensation
may be set for clock and/or data lines in the hispi_timing
register R0x31C0. If the DLL timing adjustment is not
required, the data and clock lane delay settings should be set
to a default code of 0x0000 to reduce jitter, skew, and power
dissipation.
Sensor Control Interface
The two−wire serial interface bus enables read/write
access to control and status registers within the AR0230CS.
The interface protocol uses a master/slave model in which
a master controls one or more slave devices. The sensor acts
as a slave device. The master generates a clock (SCLK) that
is an input to the sensor and is used to synchronize transfers.
Data is transferred between the master and the slave on a
bidirectional signal (SDATA). SDATA is pulled up to VDD_IO
off−chip by a 1.5k
Ω resistor. Either the slave or master
device can drive SDATA LOW−the interface protocol
determines which device is allowed to drive SDATA at any
given time. The two−wire serial interface can run at 100 kHz
or 400 kHz.
T1/T2 Line Interleaved Mode
The AR0230CS has the capability to output the T1 and T2
exposures separately, in a line interleaved format. The
purpose of this is to enable off chip HDR linear combination
and processing. See the AR0230CS Developer Guide for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com