Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0230CS Datasheet(PDF) 4 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 4 Page - ON Semiconductor

  AR0230CS Datasheet HTML 1Page - ON Semiconductor AR0230CS Datasheet HTML 2Page - ON Semiconductor AR0230CS Datasheet HTML 3Page - ON Semiconductor AR0230CS Datasheet HTML 4Page - ON Semiconductor AR0230CS Datasheet HTML 5Page - ON Semiconductor AR0230CS Datasheet HTML 6Page - ON Semiconductor AR0230CS Datasheet HTML 7Page - ON Semiconductor AR0230CS Datasheet HTML 8Page - ON Semiconductor AR0230CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AR0230CS
www.onsemi.com
4
SLVS0_P
SLVS0_N
SLVS1_P
SLVS1_N
SLVS2_N
SLVS2_P
SLVS3_P
SLVS3_N
SLVSC_P
SLVSC_N
FLASH
SHUTTER
SADDR
SDATA
SCLK
TRIGGER
OE_BAR
TEST
EXTCLK
DGND
AGND
VDD_IO
VDD
VDD_PLL
VAA
VAA_PIX
From
controller
Master clock
(6−48 MHz)
Digital
I/O
power
!
Digital
Core
power
!
HiSPi
power
!
PLL
power
!
Analog
power
!
Analog
power
!
RESET_BAR
Digital
ground
Analog
ground
To
controller
NOTES:
VDD_IO
VDD
VDD_SLVS VDD_PLL VAA
VAA_PIX
1. All power supplies must be adequately decoupled
2. ON Semiconductor recommends a resistor value of 1.5k
Ω, but a greater value may be used for
slower two−wired speed.
3. The parallel interface output pads can be left unconnected if the serial output interface is used.
4. ON Semiconductor recommends that 0.1
μF and 10 μF decoupling capacitors for each power
supply are mounted as close as possible to the pad. Actual values and results may vary
depending on lay out and design considerations. Refer to the AR0230CS demo headboard
schematics for circuit recommendations.
5. ON Semiconductor recommends that analog power planes are placed in a manner such that
coupling with the digital power planes is minimized.
6. I/O signals voltage must be configured to match VDD_IO voltage to minimize any leakage
currents.
Figure 2. Typical Configuration: Serial Four−Lane HiSPi Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com