Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0230CS Datasheet(PDF) 21 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 16Page - ON Semiconductor AR0230CS Datasheet HTML 17Page - ON Semiconductor AR0230CS Datasheet HTML 18Page - ON Semiconductor AR0230CS Datasheet HTML 19Page - ON Semiconductor AR0230CS Datasheet HTML 20Page - ON Semiconductor AR0230CS Datasheet HTML 21Page - ON Semiconductor AR0230CS Datasheet HTML 22Page - ON Semiconductor AR0230CS Datasheet HTML 23Page - ON Semiconductor AR0230CS Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AR0230CS
www.onsemi.com
21
POWER−ON RESET AND STANDBY TIMING
Power−Up Sequence
The
recommended
power−up
sequence
for
the
AR0230CS is shown in Figure 11. The available power
supplies (VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA,
VAA_PIX) must have the separation specified below.
1. Turn on VDD_PLL power supply.
2. After 100
μs, turn on VAA and VAA_PIX power
supply.
3. After 100
μs, turn on VDD_IO power supply.
4. After 100
μs, turn on VDD power supply.
5. After 100
μs, turn on VDD_SLVS power supply.
6. After the last power supply is stable, enable
EXTCLK.
7. Assert RESET_BAR for at least 1ms. The parallel
interface will be tri−stated during this time.
8. Wait 150000 EXTCLKs (for internal initialization
into software standby.
9. Configure PLL, output, and image settings to
desired values.
10. Wait 1ms for the PLL to lock.
11. Set streaming mode (R0x301a[2] = 1).
Figure 11. Power Up
t
Hard Reset
Internal
Initialization
Software
Standby
PLL Lock
Streaming
VDD_PLL (2.8)
VAA_PIX
VAA_(2.8)
VDD_IO (1.8/2.8)
VDD(1.8)
VDD_SLVS (0.4)
EXTCLK
RESET_BAR
tx
0
t1
t2
t3
t4
t5
t6
Table 20.
POWER−UP SEQUENCE
Definition
Symbol
Minimum
Typical
Maximum
Unit
VDD_PLL to VAA/VAA_PIX
#
t0
0
100
−
ms
VAA/VAA_PIX to VDD_IO
t1
0
100
−
ms
VDD_IO to VDD
t2
0
100
−
ms
VDD to VDD_SLVS
t3
0
100
−
ms
Xtal settle time
tx
−
30
!
−
ms
Hard Reset
t4
1
@
–
−
ms
Internal Initialization
t5
150000
–
−
EXTCLKs
PLL Lock Time
t6
1
–
−
ms
12. Xtal settling time is component−dependent, usually taking about 10 – 100 ms.
13. Hard reset time is the minimum time required after power rails are settled. In a circuit where Hard reset is held down by RC circuit, then the
RC time must include the all power rail settle time and Xtal settle time.
14. It is critical that VDD_PLL is not powered up after the other power supplies. It must be powered before or at least at the same time as the
others. If the case happens that VDD_PLL is powered after other supplies then sensor may have functionality issues and will experience high
current draw on this supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com