Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0230CS Datasheet(PDF) 2 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 2 Page - ON Semiconductor

  AR0230CS Datasheet HTML 1Page - ON Semiconductor AR0230CS Datasheet HTML 2Page - ON Semiconductor AR0230CS Datasheet HTML 3Page - ON Semiconductor AR0230CS Datasheet HTML 4Page - ON Semiconductor AR0230CS Datasheet HTML 5Page - ON Semiconductor AR0230CS Datasheet HTML 6Page - ON Semiconductor AR0230CS Datasheet HTML 7Page - ON Semiconductor AR0230CS Datasheet HTML 8Page - ON Semiconductor AR0230CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AR0230CS
www.onsemi.com
2
ORDERING INFORMATION
Table 2. AVAILABLE PART NUMBERS
Part Number
Product Description
Orderable Product Attribute De-
scription †
AR0230CSSC00SUEA0−DRBR
2 Mp 1/3” CIS RGB, 0deg CRA, iBGA Package
Drypack, Anti−Reflective Glass
AR0230CSSC00SUEAH3−GEVB
RGB, 0deg CRA, Headboard
Headboard
AR0230CSSC12SUEA0−DR
2 Mp 1/3” CIS RGB, 12deg CRA, iBGA Package
Drypack
AR0230CSSC12SUEAH3−GEVB
RGB, 12deg CRA, Headboard
Headboard
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
See the ON Semiconductor Device Nomenclature
document (TND310/D) for a full description of the naming
convention used for image sensors. For reference
documentation, including information on evaluation kits,
please visit our web site at www.onsemi.com.
GENERAL DESCRIPTION
The ON Semiconductor AR0230CS can be operated in its
default mode or programmed for frame size, exposure, gain,
and other parameters. The default mode output is a
1080p−resolution image at 60 frames per second (fps)
through the HiSPi port. In linear mode, it outputs 12−bit or
10−bit A−Law compressed raw data, using either the parallel
or serial (HiSPi) output ports. In high dynamic range mode,
it outputs 12−bit compressed data using parallel output. In
HiSPi mode, 12− or 14−bit compressed, or 16−bit linearized
data may be output. The device may be operated in video
(master) mode or in single frame trigger mode.
FRAME_VALID and LINE_VALID signals are output on
dedicated pins, along with a synchronized pixel clock in
parallel mode.
The AR0230CS includes additional features to allow
application−specific tuning: windowing and offset, auto
black level correction, and on−board temperature sensor.
Optional register information and histogram statistic
information can be embedded in the first and last 2 lines of
the image frame.
The AR0230CS is designed to operate over a wide
temperature range of −30
°C to +85°C ambient.
FUNCTIONAL OVERVIEW
The AR0230CS is a progressive−scan sensor that
generates a stream of pixel data at a constant frame rate. It
uses an on−chip, phase−locked loop (PLL) that can be
optionally enabled to generate all internal clocks from a
single master input clock running between 6 and 48 MHz.
The
maximum
output
pixel
rate
is
148.5
Mp/s,
corresponding to a clock rate of 74.25 MHz. Figure 1 shows
a block diagram of the sensor configured in linear mode, and
in HDR mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com