Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0230CS Datasheet(PDF) 15 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 11Page - ON Semiconductor AR0230CS Datasheet HTML 12Page - ON Semiconductor AR0230CS Datasheet HTML 13Page - ON Semiconductor AR0230CS Datasheet HTML 14Page - ON Semiconductor AR0230CS Datasheet HTML 15Page - ON Semiconductor AR0230CS Datasheet HTML 16Page - ON Semiconductor AR0230CS Datasheet HTML 17Page - ON Semiconductor AR0230CS Datasheet HTML 18Page - ON Semiconductor AR0230CS Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AR0230CS
www.onsemi.com
15
Table 5.
TWO−WIRE SERIAL BUS CHARACTERISTICS
(fEXTCLK = 27 MHz;VDD = 1.8V; VDD_ IO = 2.8V;VAA_PIX = 2.8V;VDD_ PLL = 2.8V; TA = 25°C)
Parameter
Symbol
Standard Mode
Fast Mode
Unit
SCLK Clock Frequency
fSCL
0
100
0
400
KHz
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated
tHD;STA
4.0
−
0.6
−
μs
LOW period of the SCLK clock
tLOW
4.7
−
1.3
−
μs
HIGH period of the SCLK clock
tHIGH
4.0
−
0.6
−
μs
Set−up time for a repeated START con-
dition
tSU;STA
4.7
−
0.6
−
μs
Data hold time
tHD;DAT
04
3.455
06
0.95
μs
Data set−up time
tSU;DAT
250
−
1006
−
ns
Rise time of both SDATA and SCLK sig-
nals
tr
−
1000
20 + 0.1Cb7
300
ns
Fall time of both SDATA and SCLK signals
tf
−
300
20 + 0.1Cb7
300
ns
Set−up time for STOP condition
tSU;STO
4.0
−
0.6
−
μs
Bus free time between a STOP and
START condition
tBUF
4.7
−
1.3
−
μs
Capacitive load for each bus line
Cb
−
400
−
400
pF
Serial interface input pin capacitance
CIN_SI
−
3.3
−
3.3
pF
SDATA max load capacitance
CLOAD_SD
−
30
−
30
pF
SDATA pull−up resistor
RSD
1.5
4.7
1.5
4.7
K
Ω
1. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
2. Two−wire control is I2C−compatible.
3. All values referred to VIHmin = 0.9 VDD and VILmax = 0.1VDD levels. Sensor EXCLK = 27 MHz.
4. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the undefined region of the falling edge of SCLK.
5. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCLK signal.
6. A Fast−mode I2C−bus device can be used in a Standard−mode I2C−bus system, but the requirement tSU;DAT 250 ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the SCLK signal. If such a device does stretch the LOW
period of the SCLK signal, it must output the next data bit to the SDATA linet r max + tSU;DAT = 1000 + 250 = 1250 ns (according to the
Standard−mode I2C−bus specification) before the SCLK line is released.
7. Cb = total capacitance of one bus line in pF.
I/O Timing
By default, the AR0230CS launches pixel data, FV, and
LV with the falling edge of PIXCLK. The expectation is that
the user captures DOUT[11:0], FV, and LV using the rising
edge of PIXCLK.
See Figure 10 below and Table 6 for I/O timing (AC)
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com