Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7321
Description  2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7321 Datasheet HTML 13Page - Analog Devices AD7321 Datasheet HTML 14Page - Analog Devices AD7321 Datasheet HTML 15Page - Analog Devices AD7321 Datasheet HTML 16Page - Analog Devices AD7321 Datasheet HTML 17Page - Analog Devices AD7321 Datasheet HTML 18Page - Analog Devices AD7321 Datasheet HTML 19Page - Analog Devices AD7321 Datasheet HTML 20Page - Analog Devices AD7321 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AD7321
Data Sheet
Rev. B | Page 16 of 36
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7321 is a fast, 2-channel, 12-bit plus sign, bipolar input,
serial ADC. The AD7321 can accept bipolar input ranges that
include ±10 V, ±5 V, and ±2.5 V; it can also accept a 0 V to
+10 V unipolar input range. A different analog input range is
programmed on each analog input channel via the on-chip
registers. The AD7321 has a high speed serial interface that can
operate at throughput rates up to 500 kSPS.
The AD7321 requires VDD and VSS dual supplies for the high
voltage analog input structures. These supplies must be equal to
or greater than the largest analog input range selected. See Table 6
for the requirements of these supplies for each analog input range.
The AD7321 requires a low voltage 2.7 V to 5.25 V VCC supply
to power the ADC core.
Table 6. Reference and Supply Requirements for Each
Analog Input Range
Selected
Analog
Input
Range (V)
Reference
Voltage (V)
Full-Scale
Input
Range (V)
AVCC
(V)
Minimum
VDD/VSS (V)1
±10
2.5
±10
3/5
±10
3.0
±12
3/5
±12
±5
2.5
±5
3/5
±5
3.0
±6
3/5
±6
±2.5
2.5
±2.5
3/5
±5
3.0
±3
3/5
±5
0 to +10
2.5
0 to +10
3/5
+10/AGND
3.0
0 to +12
3/5
+12/AGND
1
Guaranteed performance for VDD = 12 V to 16.5 V and VSS = −12 V to −16.5 V.
The performance specifications are guaranteed for VDD = 12 V
to 16.5 V and VSS = −12 V to −16.5 V. With VDD and VSS supplies
outside this range, the AD7321 is fully functional but performance
is not guaranteed. When the AD7321 is configured with the
minimum VDD and VSS supplies, decrease the throughput rate to
meet the performance specifications (see the Typical Performance
Characteristics section). Figure 31 shows the change in THD as
the VDD and VSS supplies are reduced. For ac performance at the
maximum throughput rate, the THD degrades slightly as VDD and
VSS are reduced. It might therefore be necessary to reduce the
throughput rate when using minimum VDD and VSS supplies so
that there is less degradation of THD and the specified perfor-
mance is maintained. The degradation is due to an increase in
the on resistance of the input multiplexer when the VDD and VSS
supplies are reduced. Figure 18 and Figure 19 show the change
in INL and DNL as the VDD and VSS voltages are varied. For dc
performance when operating at the maximum throughput rate,
as the VDD and VSS supply voltages are reduced, the typical INL
and DNL error remains constant.
The analog inputs are configured as two single-ended inputs,
one true differential input pair or one pseudo differential input.
A selection is made by programming the mode bits, Mode 0
and Mode 1, in the control register.
The serial clock input accesses data from the part and provides
the clock source for the successive approximation ADC. The
AD7321 has an on-chip 2.5 V reference. However, the AD7321
can also work with an external reference. On power-up, the
external reference operation is the default option. If the internal
reference is the preferred option, the user must write to the
reference bit in the control register to select the internal
reference operation.
The AD7321 also features power-down options to allow power
savings between conversions. The power-down modes are
selected by programming the on-chip control register, as
described in the Modes of Operation section.
CONVERTER OPERATION
The AD7321 is a successive approximation analog-to-digital
converter built around two capacitive DACs. Figure 23 and
Figure 24 show simplified schematics of the ADC in single-
ended mode during the acquisition and conversion phases,
respectively. Figure 25 and Figure 26 show simplified
schematics of the ADC in differential mode during acquisition
and conversion phases, respectively. The ADC is composed of
control logic, a SAR, and capacitive DACs. In Figure 23 (the
acquisition phase), SW2 is closed and SW1 is in Position A, the
comparator is held in a balanced condition, and the sampling
capacitor array acquires the signal on the input.
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
AGND
SW2
SW1
A
B
CS
VIN0
Figure 23. ADC Acquisition Phase (Single-Ended)
When the ADC starts a conversion (Figure 24), SW2 opens and
SW1 moves to Position B, causing the comparator to become
unbalanced. The control logic and the charge redistribution
DAC are used to add and subtract fixed amounts of charge from
the capacitive DAC to bring the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC
output code.
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
AGND
SW2
SW1
A
B
CS
VIN0
Figure 24. ADC Conversion Phase (Single-Ended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com