Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7321
Description  2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7321 Datasheet HTML 23Page - Analog Devices AD7321 Datasheet HTML 24Page - Analog Devices AD7321 Datasheet HTML 25Page - Analog Devices AD7321 Datasheet HTML 26Page - Analog Devices AD7321 Datasheet HTML 27Page - Analog Devices AD7321 Datasheet HTML 28Page - Analog Devices AD7321 Datasheet HTML 29Page - Analog Devices AD7321 Datasheet HTML 30Page - Analog Devices AD7321 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
AD7321
Data Sheet
Rev. B | Page 26 of 36
SEQUENCER OPERATION
The AD7321 can be configured to convert a sequence of
consecutive channels (see Figure 44). This sequence begins by
converting on Channel 0 and ends with a final channel as selected
by Bit ADD0 in the control register. In this configuration, there is
no need for a write to the sequence register. To operate the AD7321
in this mode, set Seq1 to 1 and Seq2 to 0, and then select the final
channel in the sequence by programming Bit ADD0 in the control
register.
Once the control register is configured to operate the AD7321
in this mode, the DIN line is held low, or the write bit is set to 0.
To return to traditional multichannel operation, a write to the
control register to set Seq1 to 0 and Seq2 to 0 is necessary.
When Seq1 and Seq2 are both set to 0, or when both are set to 1,
the AD7321 is configured to operate in traditional multichannel
mode, where a write to Channel Address Bit ADD0 in the control
register selects the next channel for conversion.
DIN: WRITE TO RANGE REGISTER TO SELECT THE RANGE
FOR THE ANALOG INPUT CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL 0, ±10V
RANGE, SINGLE-ENDED MODE.
CS
DIN: WRITE BIT = 0 OR DIN LINE HELD LOW TO CONTINUE
THROUGH SEQUENCE OF CONSECUTIVE CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL1, RANGE AS
SELECTED IN RANGE REGISTER.
CS
DIN: WRITE BIT = 0 OR DIN LINE HELD LOW TO CONTINUE
TO CONVERT THROUGH THE SEQUENCE OF
CONSECUTIVE CHANNELS.
DOUT: CONVERSION RESULT FROM CHANNEL 0, RANGE AS
SELECTED IN RANGE REGISTER.
CS
DIN: WRITE TO CONTROL REGISTER TO SELECT THE FINAL
CHANNEL IN THE CONSECUTIVE SEQUENCE, SET Seq1 = 1
AND Seq2 = 0. SELECT OUTPUT CODING FOR SEQUENCE.
DOUT: CONVERSION RESULT FROM CHANNEL 0,
RANGE SELECTED IN RANGE REGISTER 1,
SINGLE-ENDED MODE.
CS
POWER ON.
DIN TIED LOW/WRITE BIT = 0.
CONTINUOUSLY CONVERT
ON CONSECUTIVE SEQUENCE
OF CHANNELS.
DIN: WRITE TO CONTROL
REGISTER TO STOP THE
SEQUENCE, Seq1 = 0, Seq2 = 0.
DOUT: CONVERSION RESULT
FROM CHANNEL IN SEQUENCE.
CS
STOPPING
A SEQUENCE.
Figure 44. Flowchart for Consecutive Sequence of Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com