Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7321
Description  2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7321 Datasheet HTML 20Page - Analog Devices AD7321 Datasheet HTML 21Page - Analog Devices AD7321 Datasheet HTML 22Page - Analog Devices AD7321 Datasheet HTML 23Page - Analog Devices AD7321 Datasheet HTML 24Page - Analog Devices AD7321 Datasheet HTML 25Page - Analog Devices AD7321 Datasheet HTML 26Page - Analog Devices AD7321 Datasheet HTML 27Page - Analog Devices AD7321 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Data Sheet
AD7321
Rev. B | Page 23 of 36
CONTROL REGISTER
The control register is used to select the analog input channel, analog input configuration, reference, coding, and power mode. The
control register is a write only, 12-bit register. Data loaded on the DIN line corresponds to the AD7321 configuration for the next
conversion. Data should be loaded into the control register after the range register has been initialized. The bit functions of the control
register are shown in Table 9 (the power-up status of all bits is 0).
MSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Write
ZERO
Register Select
ZERO
ZERO
ADD0
Mode 1
Mode 0
PM1
PM0
Coding
Ref
Seq1
Seq2
ZERO
0
Table 9. Control Register Details
Bit
Mnemonic
Description
12, 11, 1
ZERO
A 0 should be written to these bits at all times.
10
ADD0
This channel address bit is used to select the analog input channel for the next conversion if the sequencer
is not being used. If the sequencer is being used, the channel address bit is used to select the final channel
in a consecutive sequence.
9, 8
Mode 1, Mode 0
These two mode bits are used to select the configuration of the two analog input pins, VIN0 to VIN1. These
pins are used in conjunction with the channel address bit. On the AD7321, the analog inputs are
configured as two single-ended inputs, one true differential input pair, or one pseudo differential input
(see Table 10).
7, 6
PM1, PM0
The power management bits are used to select different power mode options on the AD7321 (see Table 11).
5
Coding
This bit is used to select the type of output coding the AD7321 uses for the next conversion result. If
coding = 0, the output coding is twos complement. If coding = 1, the output coding is straight binary.
When operating in sequence mode, the output coding for each channel is the value written to the coding
bit during the last write to the control register.
4
Ref
The reference bit is used to enable or disable the internal reference. If Ref = 0, the external reference is
enabled and used for the next conversion, and the internal reference is disabled. If Ref = 1, the internal
reference is used for the next conversion. When operating in sequence mode, the reference used for each
channel is the value written to the Ref bit during the last write to the control register.
3, 2
Seq1/Seq2
The Sequence 1 and Sequence 2 bits are used to control the operation of the sequencer (see Table 12).
The two analog input channels are configured as one pseudo differential analog input, one true differential input pair, or two single-ended
analog inputs.
Table 10. Analog Input Configuration Selection
Mode 1 = 1, Mode 0 = 1
Mode 1 = 1, Mode 0 = 0
Mode 1 = 0, Mode 0 =1
Mode 1 = 0, Mode 0 = 0
Channel Address Bit
Not Allowed
1 Fully Differential I/P
1 Pseudo Differential I/P
2 Single-Ended I/Ps
ADD0
VIN+
VIN−
VIN+
VIN−
VIN+
VIN−
VIN+
VIN−
0
–
–
VIN0
VIN1
VIN0
VIN1
VIN0
AGND
1
–
–
VIN0
VIN1
VIN0
VIN1
VIN1
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com