Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7321
Description  2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7321 Datasheet HTML 22Page - Analog Devices AD7321 Datasheet HTML 23Page - Analog Devices AD7321 Datasheet HTML 24Page - Analog Devices AD7321 Datasheet HTML 25Page - Analog Devices AD7321 Datasheet HTML 26Page - Analog Devices AD7321 Datasheet HTML 27Page - Analog Devices AD7321 Datasheet HTML 28Page - Analog Devices AD7321 Datasheet HTML 29Page - Analog Devices AD7321 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Data Sheet
AD7321
Rev. B | Page 25 of 36
RANGE REGISTER
The range register is used to select one analog input range per analog input channel and to set the ranges for Channel 0 and Channel 1. It
is a 6-bit, write-only register with two dedicated range bits for each of the analog input channels, Channel 0 and Channel 1. There are four
analog input ranges, ±10 V, ±5 V, ±2.5 V, and 0 V to +10 V. A write to the range register is selected by setting the write bit to 1, the ZERO
bit to 0, and the register select bit to 1. After the initial write to the range register occurs, each time an analog input is selected, the
AD7321 automatically configures the analog input to the appropriate range, as indicated by the range register. The ±10 V input range is
selected by default on each analog input channel (see Table 13).
MSB
LSB
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Write
ZERO
Register Select
VIN0A
VIN0B
0
0
VIN1A
VIN1B
0
0
0
0
0
0
0
Table 13. Range Selection
VINxA
VINxB
Description
0
0
This combination selects the ±10 V input range on VINx.
0
1
This combination selects the ±5 V input range on VINx.
1
0
This combination selects the ±2.5 V input range on VINx.
1
1
This combination selects the 0 V to +10 V input range on VINx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com