Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7321
Description  2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7321 Datasheet HTML 18Page - Analog Devices AD7321 Datasheet HTML 19Page - Analog Devices AD7321 Datasheet HTML 20Page - Analog Devices AD7321 Datasheet HTML 21Page - Analog Devices AD7321 Datasheet HTML 22Page - Analog Devices AD7321 Datasheet HTML 23Page - Analog Devices AD7321 Datasheet HTML 24Page - Analog Devices AD7321 Datasheet HTML 25Page - Analog Devices AD7321 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data Sheet
AD7321
Rev. B | Page 21 of 36
8
–8
6
4
2
0
–2
–4
–6
±2.5V
RANGE
±10V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
0V TO +10V
RANGE
0V TO +10V
RANGE
±16.5V VDD/VSS
±12V VDD/VSS
VCC = 5V
VREF = 2.5V
Figure 40. Pseudo Input Range with VCC = 5 V
±2.5V
RANGE
±10V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
0V TO +10V
RANGE
0V TO +10V
RANGE
±16.5V VDD/VSS
±12V VDD/VSS
4
–8
2
0
–2
–4
–6
VCC = 3V
VREF = 2.5V
Figure 41. Pseudo Input Range with VCC = 3 V
DRIVER AMPLIFIER CHOICE
In applications where the harmonic distortion and signal-to-
noise ratio are critical specifications, the analog input of the
AD7321 should be driven from a low impedance source. Large
source impedances significantly affect the ac performance of the
ADC and can necessitate the use of an input buffer amplifier.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance depends on the amount of THD that can be
tolerated in the application. The THD increases as the source
impedance increases and performance degrades. Figure 21 and
Figure 22 show graphs of the THD vs. the analog input
frequency for various source impedances. Depending on the
input range and analog input configuration selected, the
AD7321 can handle source impedances of up to 5.5 kΩ before
the THD starts to degrade.
Due to the programmable nature of the analog inputs on the
AD7321, the choice of op amp used to drive the inputs is a
function of the particular application and depends on the input
configuration and the analog input voltage ranges selected.
The driver amplifier must be able to settle for a full-scale step
to a 13-bit level, 0.0122%, in less than the specified acquisition
time of the AD7321. An op amp such as the AD8021 meets this
requirement when operating in single-ended mode. The AD8021
needs an external compensating NPO type of capacitor. The
AD8022 can also be used in high frequency applications where
a dual version is required. For lower frequency applications, op
amps such as the AD797, AD845, and AD8610 can be used with
the AD7321 in single-ended mode configuration.
Differential operation requires that VIN+ and VIN− be
simultaneously driven with two signals of equal amplitude that
are 180° out of phase. The common mode must be set up
externally to the AD7321. The common-mode range is
determined by the REFIN/OUT voltage, the VCC supply voltage,
and the particular amplifier used to drive the analog inputs.
Differential mode with either an ac input or a dc input provides
the best THD performance over a wide frequency range. Because
not all applications have a signal preconditioned for differential
operation, there is often a need to perform the single-ended-to-
differential conversion.
This single-ended-to-differential conversion is performed using
an op amp pair. Typical connection diagrams for an op amp
pair are shown in Figure 42 and Figure 43. In Figure 42, the
common-mode signal is applied to the noninverting input of
the second amplifier.
VIN
V+
V–
3k
Ω
1.5k
Ω
1.5k
Ω
1.5k
Ω
1.5k
Ω
10k
Ω
20k
Ω
VCOM
AD845
AD845
Figure 42. Single-Ended-to-Differential Configuration with the AD845
VIN
V+
V–
442
Ω
442
Ω
442
Ω
442
Ω
442
Ω
100
Ω
AD8021
AD8021
442
Ω
Figure 43. Single-Ended-to-Differential Configuration with the AD8021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com