Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7791EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD7791EBZ
Description  Low Power, Buffered 24-Bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7791EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD7791EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
AD7791
Rev. A | Page 3 of 20
AD7791—SPECIFICATIONS1
Table 1. (VDD = 2.5 V to 5.25 V; REFIN(+) = 2.5 V; REFIN(–) = GND; GND = 0 V; CDIV1 = CDIV0 = 0;
all specifications TMIN to TMAX, unless otherwise noted.)
Parameter
AD7791B
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATION
Output Update Rate
9.5
Hz min nom
120
Hz max nom
ADC CHANNEL
No Missing Codes2
24
Bits min
Update Rate
≤ 20 Hz
Resolution
19.5
Bits p-p
9.5 Hz Update Rate
Output Noise
1.1
µV rms typ
Integral Nonlinearity
±15
ppm of FSR max
3.5 ppm typ
Offset Error
±3
µV typ
Offset Error Drift vs. Temperature
±10
nV/°C typ
Full-Scale Error3
±10
µV typ
Gain Drift vs. Temperature
±0.5
ppm/°C typ
Power Supply Rejection
90
dB min
100 dB typ, AIN = 1 V
ANALOG INPUTS
Differential Input Voltage Ranges
±REFIN
V nom
REFIN = REFIN(+) – REFIN(–);
Absolute AIN Voltage Limits2
GND + 100 mV
V min
Buffered Mode of Operation
VDD – 100 mV
V max
Analog Input Current
Buffered Mode of Operation
Average Input Current2
±1
nA max
Average Input Current Drift
±5
pA/°C typ
Absolute AIN Voltage Limits2
GND – 30 mV
V min
Unbuffered Mode of Operation
VDD + 30 mV
V max
Analog Input Current
Unbuffered Mode of Operation
Input current varies with input voltage.
Average Input Current
±400
nA/V typ
Average Input Current Drift
±50
pA/V/°C typ
Normal Mode Rejection2
@ 50 Hz, 60 Hz
65
dB min
73 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[2:0] = 1004
@ 50 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, FS[2:0] = 1014
@ 60 Hz
80
dB min
90 dB typ, 60 ± 1 Hz, FS[2:0] = 0114
Common Mode Rejection
AIN = 1 V
@DC
90
dB min
100 dB typ, FS[2:0] = 1004
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz (FS[2:0] = 1014), 60 ± 1 Hz (FS[2:0] = 0114)
REFERENCE INPUT
REFIN Voltage
2.5
V nom
REFIN = REFIN(+) – REFIN(–)
Reference Voltage Range2
0.1
V min
V DD
V max
Absolute REFIN Voltage Limits2
GND – 30 mV
V min
VDD + 30 mV
V max
Average Reference Input Current
0.5
µA/V typ
Average Reference Input Current Drift
±0.03
nA/V/°C typ
1
Temperature Range –40°C to +105°C.
2
Specification is not production tested but is supported by characterization data at initial product release.
3
Full-scale error applies to both positive and negative full-scale and applies at the factory calibration conditions (VDD = 4 V).
4
FS[2:0] are the three bits used in the filter register to select the output word rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com