Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7791EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-AD7791EBZ
Description  Low Power, Buffered 24-Bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7791EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-AD7791EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
AD7791
Rev. A | Page 13 of 20
Table 12. Update Rates
FS2
FS1
FS0
fADC (Hz)
f3dB (Hz)
RMS Noise (µV)
Rejection
0
0
0
120
28
40
25 dB @ 60 Hz
0
0
1
100
24
25
25 dB @ 50 Hz
0
1
0
33.3
8
3.36
0
1
1
20
4.7
1.6
80 dB @ 60 Hz
1
0
0
16.6
4
1.5
65 dB @ 50 Hz/60 Hz (Default Setting)
1
0
1
16.7
4
1.5
80 dB @ 50 Hz
1
1
0
13.3
3.2
1.2
1
1
1
9.5
2.3
1.1
67 dB @ 50/60 Hz
DATA REGISTER (RS1, RS0 = 1, 1; POWER-ON/RESET = 0x000000)
The conversion result from the ADC is stored in this data register. This is a read-only register. On completion of a read operation from
this register, the RDY bit/pin is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com