Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7791EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD7791EBZ
Description  Low Power, Buffered 24-Bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7791EBZ Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD7791EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Low Power, Buffered 24-Bit
Sigma-Delta ADC
Data Sheet
AD7791
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no re-
sponsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Power
Supply: 2.5 V to 5.25 V operation
Normal: 75 μA max
Power-down: 1 μA max
RMS noise: 1.1 μV at 9.5 Hz update rate
19.5-bit p-p resolution (22 bits effective resolution)
Integral nonlinearity: 3.5 ppm typical
Simultaneous 50 Hz and 60 Hz rejection
Internal clock oscillator
Rail-to-rail input buffer
VDD monitor channel
Temperature range: –40°C to +105°C
10-lead MSOP
INTERFACE
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Smart transmitters
Battery applications
Portable instrumentation
Sensor measurement
Temperature measurement
Pressure measurement
Weigh scales
4 to 20 mA loops
FUNCTIONAL BLOCK DIAGRAM
DOUT/RDY
DIN
SCLK
CS
04227-0-001
SERIAL
INTERFACE
CLOCK
-
ADC
AIN(–)
AIN(+)
GND
REFIN(+) REFIN(–)
AD7791
VDD
BUF
VDD
GND
Figure 1.
GENERAL DESCRIPTION
The AD7791 is a low power, complete analog front end for
low frequency measurement applications. It contains a low
noise 24-bit ∑-Δ ADC with one differential input that can be
buffered or unbuffered.
The device operates from an internal clock. Therefore, the user
does not have to supply a clock source to the device. The output
data rate from the part is software programmable and can be
varied from 9.5 Hz to 120 Hz, with the rms noise equal to
1.1 μV at the lower update rate. The internal clock frequency
can be divided by a factor of 2, 4, or 8, which leads to a reduc-
tion in the current consumption. The update rate, cutoff fre-
frequency, and settling time will scale with the clock frequency.
The part operates with a power supply from 2.5 V to 5.25 V.
When operating from a 3 V supply, the power dissipation for
the part is 225 μW maximum. It is housed in a 10-lead MSOP.


Similar Part No. - EVAL-AD7791EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7792EBZ1 AD-EVAL-AD7792EBZ1 Datasheet
661Kb / 32P
3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
EVAL-AD7793 AD-EVAL-AD7793 Datasheet
1Mb / 16P
Evaluation Board for the AD7793 24-Bit, Low Power Sigma-Delta ADC (3 Channels)
Rev. 0
EVAL-AD7793EBZ AD-EVAL-AD7793EBZ Datasheet
1Mb / 16P
Evaluation Board for the AD7793 24-Bit, Low Power Sigma-Delta ADC (3 Channels)
Rev. 0
EVAL-AD7793EBZ1 AD-EVAL-AD7793EBZ1 Datasheet
661Kb / 32P
3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
EVAL-AD7794EB AD-EVAL-AD7794EB Datasheet
814Kb / 36P
6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
More results

Similar Description - EVAL-AD7791EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7790 AD-AD7790 Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7791 AD-AD7791 Datasheet
308Kb / 20P
Low Power, Buffered 24-Bit Sigma-Delta ADC
8/03-Revision 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7791 AD-AD7791_15 Datasheet
465Kb / 20P
Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. A
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
Low Power, 16-Bit Buffered Sigma-Delta ADC
A
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com