Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7791EBZ Datasheet(PDF) 15 Page - Analog Devices

Part # EVAL-AD7791EBZ
Description  Low Power, Buffered 24-Bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7791EBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button EVAL-AD7791EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AD7791
Data Sheet
Rev. A | Page 14 of 20
ADC CIRCUIT INFORMATION
OVERVIEW
The AD7791 is a low power ADC that incorporates a ∑-Δ mod-
ulator, a buffer and on-chip digital filtering intended for the
measurement of wide dynamic range, low frequency signals
such as those in pressure transducers, weigh scales, and temper-
ature measurement applications.
The part has one differential input that can be buffered or
unbuffered. Buffering the input channel means that the part can
accommodate significant source impedances on the analog
input and that R, C filtering (for noise rejection or RFI reduc-
tion) can be placed on the analog input, if required. The device
requires an external reference of 2.5 nominal. Figure 12 shows
the basic connections required to operate the part.
04227-0-006
IN+
10
F
0.1
F
IN–
OUT–
POWER
SUPPLY
OUT+
REFIN(+)
CS
DOUT/RDY
SCLK
VDD
GND
AIN(+)
AIN(–)
REFIN(–)
AD7791
MICROCONTROLLER
Figure 12. Basic Connection Diagram
The output rate of the AD7791 (fADC) is user programmable
with the settling time equal to 2 × tADC. Normal mode rejection
is the major function of the digital filter. Table 12 lists the avail-
able output rates from the AD7791. Simultaneous 50 Hz and
60 Hz rejection is optimized when the update rate equals
16.6 Hz as notches are placed at both 50 Hz and 60 Hz with this
update rate (see Figure 6).
NOISE PERFORMANCE
Table 13 shows the output rms noise, rms resolution, and peak-
to-peak resolution (rounded to the nearest 0.5 LSB) for the
different update rates and input ranges for the AD7791. The
numbers given are for the bipolar input range with a reference
of 2.5 V. These numbers are typical and generated with a differ-
ential input voltage of 0 V. The peak-to-peak resolution figures
represent the resolution for which there will be no code flicker
within a six-sigma limit. The output noise comes from two
sources. The first is the electrical noise in the semiconductor
devices (device noise) used in the implementation of the modu-
lator. The second is quantization noise, which is added when
the analog input is converted into the digital domain. The de-
vice noise is at a low level and is independent of frequency. The
quantization noise starts at an even lower level but rises rapidly
with increasing frequency to become the dominant noise
source.
Table 13. Typical Peak-to-Peak Resolution (Effective
Resolution) vs. Update Rate
Update
Rate
Peak-toPeak Resolu-
tion
Effective Resolu-
tion
9.5
19.5
22
13.3
19
21.5
16.7
19
21.5
16.6
19
21.5
20
18.5
21
33.3
17.5
20
100
14.5
17
120
14
16.5
REDUCED CURRENT MODES
The AD7791 has a current consumption of 160 μA maximum
when operated with a 5 V power supply, the buffer enabled, and
the clock operating at its maximum speed. The clock frequency
can be divided by a factor of 2, 4, or 8 before being applied to
the modulator and filter, resulting in a reduction in the current
consumption of the AD7791. Bits CDIV1 and CDIV0 in the filter
register are used to enter these low power modes (see Table 14).
When the internal clock is reduced, the update rate will also be
reduced. For example, if the filter bits are set to give an update
rate of 16.6 Hz when the AD7791 is operated in full power
mode, the update rate will equal 8.3 Hz in divide by 2 mode. In
the low power modes, there may be some degradation in the
ADC performance.
Table 14. Low Power Mode Selection
CDIV[1:0]
Clock
Typ Current, Buffered (μA)
Typ Current, Unbuffered (μA)
50 Hz/60 Hz Rejection (dB)
00
1
146
75
65
10
1/2
87
45
64
10
1/4
56
30
75
11
1/8
41
25
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com