Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7791EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-AD7791EBZ
Description  Low Power, Buffered 24-Bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7791EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-AD7791EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD7791EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
AD7791
Rev. A | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
04227-0-012
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
40
80
20
60
100
120
140
160
0
FREQUENCY (Hz)
Figure 6. Frequency Response with 16.6 Hz Update Rate
04227-0-010
0
20
8388591
8388619
40
60
80
100
CODE
VDD = 3V
VREF = 2.048V
9.5Hz UPDATE RATE
TA = 25°C
RMS NOISE = 1
µV
Figure 7. Noise Distribution Histogram
(CDIV1 = CDIV0 = 0)
04227-0-011
8388591
0
200
400
600
800
1000
8388619
READ NO.
VDD = 3V, VREF = 2.048V, 9.5Hz UPDATE RATE
TA = 25°C, RMS NOISE = 1µV
Figure 8. Typical Noise Plot with 16.6 Hz Update Rate
(CDIV1 = CDIV0 = 0)
04227-0-014
0
1
2
3
4
5
6
7
8
8388592
8388616
9
CODE
VDD = 3V
VREF = 2.048V
1.1875Hz UPDATE RATE
TA = 25°C
RMS NOISE = 1.25
µF
Figure 9. Noise Histogram for Clock Divide by 8 Mode
(CDIV0 = CDIV1 = 1)
04227-0-013
8388592
0
20
40
60
80
100
8388616
READ NO.
VDD = 3V, VREF = 2.048V
1.1875Hz UPDATE RATE
TA = 25°C, RMS NOISE = 1.25µF
Figure 10. Noise Plot in Clock Divide by 8 Mode
(CDIV0 = CDIV1 = 1)
04227-0-015
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3.0
2.5
2.0
VREF (V)
VDD = 5V
UPDATE RATE = 16.6Hz
TA = 25°C
Figure 11. RMS Noise vs. Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com