Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF600SWI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MF600SWI
Description  Mirco Filter For ADSL CPE Side
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF600SWI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MF600SWI Datasheet HTML 1Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 2Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 3Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 4Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 5Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 6Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 7Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 8Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Specification
MF600SWI
Data sheet subject to change without notice
RDPS-MF051(R1)10/01/2002
SHEET 5 OF 11
5. Technical requirements:
5.1. Schematic:
The following drawing illustrates the schematic of this product.
5.2. ZHP-r definition:
To facilitate testing of the Single In-Line filter independently of the actual modem or specific
vendor, ZHP-r is defined to allow proper termination of the ADSL port during voice band
testing. The ZHP-r is valid only for voice band frequency. The combination of capacitors in
the ZHP-r is only representative. The input shall be 27 nF however derived. ZHP-r
equivalent circuit is shown below.
0.056 uF
0.056 uF
0.47 mH
100 ohms
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com