Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF600SWI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MF600SWI
Description  Mirco Filter For ADSL CPE Side
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF600SWI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MF600SWI Datasheet HTML 2Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 3Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 4Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 5Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 6Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 7Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 8Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 9Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specification
MF600SWI
Data sheet subject to change without notice
RDPS-MF051(R1)10/01/2002
SHEET 6 OF 11
5.3. Electrical specification:
The low pass filter shall satisfy the following parametric limits shown in this table across the
Line side of this device.
Electrical requirements
Splitter parameters
Range
Values
Splitter bandwidth
DC to 4 kHz
Nominal voice band
0.3 kHz to 3.4 kHz
Ringing frequency
15.3 Hz to 68 Hz
ADSL band
30 kHz to 1104 kHz
Line Impedance Z
L
300 Hz to 3.4 kHz
600 ohms
Line Impedance ZNL-r
300 Hz to 3.4 kHz
1330 ohm // (380 ohm // 0.1
µF)
Modem impedance
30 kHz to 1104 kHz
100 ohms
Operation voltage voice band
Nominal signal
21 mVpp to 5.4 Vpp
Ringing signal
40 Vrms to 150 Vrms
( 113 Vpp to 424 Vpp )
DC voltage
0 V to 105 V
Max. AC voltage
150 Vrms with –105 VDC
offset
Max. differential
320 V
Operation current voice band
Loop current
< 100 mA
DC resistance
DC resistance
Tip to Tip and Ring to Ring
< 50 ohms
Isolation resistance
Tip to Ring
> 10 Mohms
Differential input blocking impedance
20 kHz
> 2 kohms
30 kHz
> 3 kohms
5 MHz to 10 MHz
> 2 kohms
Line side
10 MHz to 400 MHz
N / A
Voice band characteristics
Insertion loss between 600 ohms
resistive single filter
1004 Hz
< 0.7 dB
With 5 filters
1004 Hz
< 1.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com